Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRF100 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # DRF100
Description  High Speed MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

DRF100 Datasheet(HTML) 2 Page - Advanced Power Technology

  DRF100 Datasheet HTML 1Page - Advanced Power Technology DRF100 Datasheet HTML 2Page - Advanced Power Technology DRF100 Datasheet HTML 3Page - Advanced Power Technology DRF100 Datasheet HTML 4Page - Advanced Power Technology DRF100 Datasheet HTML 5Page - Advanced Power Technology DRF100 Datasheet HTML 6Page - Advanced Power Technology DRF100 Datasheet HTML 7Page - Advanced Power Technology DRF100 Datasheet HTML 8Page - Advanced Power Technology DRF100 Datasheet HTML 9Page - Advanced Power Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
A Simplified DRF100 Circuit Diagram is illustrated above. By including the driver high speed by-pass capacitors (C1-
C8), their contribution to the internal parasitic loop inductance of the driver output is greatly reduced. This, coupled with
the tight geometry of the hybrid, allows optimum drive to the gate of the MOSFET. This low parasitic approach, coupled
with the Schmitt trigger input, Kelvin signal ground (4,5) and the Anti-Ring Function, provide improved stability and
control in Kilowatt to Multi-Kilowatt, High Frequency applications
The IN pin (4) is applied to a Schmitt Trigger. The signal is then applied to the intermediate drivers and level shifters;
this section contains proprietary circuitry designed specifically for ring abatement. The P channel and N channel power
drivers provide the high current to the OUT pin (9).
The FUNCTION, FN, pin (3) is used to disable the Anti-Ring function. It is recommended that the device be operated
with this function enabled. Func. = Hi (+5V or Float) Anti-Ring on, Func. = Low (0V or GND.) Anti-ring off.
Driver Control Logic
In (4) HIGHDriver
Output (9) LOW
In (4) LOWDriver
Output (9) HIGH
Figure 1, DRF100 Simplified Ciruit Diagram
Driver Specifications
TJ = 25°C unless otherwise specified
Driver Output Characteristics
TJ = 25°C unless otherwise specified
Test curcuit show on page 3.
All measurements were made with the Anti-Ring circuit activated unless noted.
1. Symmetry is the percent difference in high and low FWHM times with a 50% duty cycle square wave input.
2 RL = 50Ω, CL = 3000pF
3 10% - 90% See Test Circuit
4 50% - 50%, see Test Circuit
5 VDD = 18V, CL = 3000pF, F = 10MHz
6 Performance specified with this input.
APT reserves the right to change, without notice, the specifications and information contained herein.
Unit
ns
%
Unit
pF
Ω
nH
MHz
Min
Typical
Max
3.1
7.5
2.8
7.5
33
38
1.2
RL
CL
Min
Typ
Max
2500
1
2
3
4
30
Test Conditions
15V
DD
15V
DD
15V
15V
DD
3
Parameter
Rise Time 2,3
Fall Time 2,3
Prop. Delay 2,4
Symmetry 1
Parameter
Output Capacitance 2,5
Output Resistance 2,5
Output Inductance 2,5
Operating Frequency
Symbol
t
r
t
f
T
D
Symbol
C
out
R
out
L
out
F
MAX
DRF100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com