Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRF100 Datasheet (PDF) - Advanced Power Technology

DRF100 Datasheet PDF - Advanced Power Technology
Part # DRF100
Download  DRF100 Download
File Size   2368.35 Kbytes
Page   12 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description High Speed MOSFET Driver

DRF100 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRF100 Datasheet PDF - Advanced Power Technology

Part # DRF100
Download  DRF100 Click to download

File Size   2368.35 Kbytes
Page   12 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description High Speed MOSFET Driver

DRF100 Datasheet (HTML) - Advanced Power Technology


DRF100 Product details

The DRF100 is a High-Speed Power MOSFET driver with a unique anti-ring function. It is intended to drive the gate of a power MOSFET ≥3nF, gate capacitance to an 18V maximum, at frequencies up to 30MHz. It can produce output currents ≥8A RMS, while dissipating 100W.

FEATURES
• Switching Frequency: DC TO 30MHz
• Switching Speeds 3-4ns 50Ω Load
• Low Pulse Width Distortion
• Single Power Supply
• 3V CMOS Schmitt Trigger Input 1V Hysteresis
• Output Capable of ≥ 8A RMS
• Power Dissipation Capability >100W

TYPICAL APPLICATIONS
• MOSFET Drivers
• Switch Mode Power Amplifiers
• Digital Output Amplifiers
• Pulse Generators
• Laser Diode Drivers
• Ultrasound Transducer Drivers
• Acoustic Optical Modulators




Similar Part No. - DRF100

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
DRF100 MICROSEMI-DRF100 Datasheet
115Kb / 4P
MOSFET Driver Hybrid
More results


Similar Description - DRF100

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
HIGH SPEED DUAL MOSFET DRIVER
MD1811 SUTEX-MD1811 Datasheet
459Kb / 6P
HIGH SPEED QUAD MOSFET DRIVER
MD1813 SUTEX-MD1813 Datasheet
222Kb / 6P
High Speed Quad MOSFET Driver
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
High Speed Dual MOSFET Driver
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
Dual, High Speed MOSFET Driver
December 12, 2007
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
Dual, High Speed MOSFET Driver
March 17, 2011
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
Dual, High Speed MOSFET Driver
May 30, 2014
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
Dual, High Speed MOSFET Driver
January 29, 2015
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
Dual, High Speed MOSFET Driver
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com