Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRF100 Datasheet (PDF) - Microsemi Corporation

DRF100 Datasheet PDF - Microsemi Corporation
Part # DRF100
Download  DRF100 Download
File Size   115.42 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description MOSFET Driver Hybrid

DRF100 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRF100 Datasheet PDF - Microsemi Corporation

Part # DRF100
Download  DRF100 Click to download

File Size   115.42 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description MOSFET Driver Hybrid

DRF100 Datasheet (HTML) - Microsemi Corporation


DRF100 Product details

The DRF100 is a High-Speed Power MOSFET driver with a unique anti-ring function. It is intended to drive the gate of a power MOSFET with ≥3nF gate capacitance to 15V at frequencies up to 30MHz. It can produce output currents ≥8A RMS, while dissipating 60W. The Driver output can be configured as Inverting or Non-Inverting.

FEATURES
• Switching Frequency: DC TO 30MHz
• Low Pulse Width Distortion
• Single Power Supply
• 1V CMOS Schmitt Trigger Input 1V Hysteresis
• Inverting Non-Inverting Select
• Output Capable of ≥ 8A RMS
• Power Dissipation Capability 60W
• RoHS Compliant

TYPICAL APPLICATIONS
• MOSFET Drivers
• Switch Mode Power Amplifiers
• Digital Output Amplifiers
• Pulse Generators
• Laser Diode Drivers
• Ultrasound Transducer Drivers
• Acoustic Optical Modulators




Similar Part No. - DRF100

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
DRF100 ADPOW-DRF100 Datasheet
2Mb / 12P
High Speed MOSFET Driver
More results


Similar Description - DRF100

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
DRF1200 ADPOW-DRF1200 Datasheet
1Mb / 8P
MOSFET Driver Hybrid
logo
Semikron International
SKHI22A SEMIKRON-SKHI22A_05 Datasheet
40Kb / 1P
Hybrid Dual MOSFET Driver
logo
Microsemi Corporation
DRF1200 MICROSEMI-DRF1200 Datasheet
233Kb / 4P
MOSFET Driver Hybrid
DRF1201 MICROSEMI-DRF1201 Datasheet
170Kb / 4P
MOSFET Driver Hybrid
DRF1202 MICROSEMI-DRF1202 Datasheet
180Kb / 4P
MOSFET Driver Hybrid
DRF1203 MICROSEMI-DRF1203 Datasheet
162Kb / 4P
MOSFET Driver Hybrid
DRF1200 MICROSEMI-DRF1200_11 Datasheet
239Kb / 4P
MOSFET Driver Hybrid
DRF1201 MICROSEMI-DRF1201_11 Datasheet
256Kb / 4P
MOSFET Driver Hybrid
DRF1202 MICROSEMI-DRF1202_11 Datasheet
246Kb / 4P
MOSFET Driver Hybrid
DRF1203 MICROSEMI-DRF1203_11 Datasheet
248Kb / 4P
MOSFET Driver Hybrid
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com