Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRF100 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # DRF100
Description  MOSFET Driver Hybrid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DRF100 Datasheet(HTML) 1 Page - Microsemi Corporation

  DRF100 Datasheet HTML 1Page - Microsemi Corporation DRF100 Datasheet HTML 2Page - Microsemi Corporation DRF100 Datasheet HTML 3Page - Microsemi Corporation DRF100 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DRF100
15V, 8A, 30MHz
The DRF100 is a High-Speed Power MOSFET driver with a unique
anti-ring function. It is intended to drive the gate of a power MOSFET
with ≥3nF gate capacitance to 15V at frequencies up to 30MHz. It can
produce output currents ≥8A RMS, while dissipating 60W. The Driver
output can be configured as Inverting or Non-Inverting.
TYPICAL APPLICATIONS
• MOSFET Drivers
• Switch Mode Power Amplifiers
• Digital Output Amplifiers
• Pulse Generators
• Laser Diode Drivers
• Ultrasound Transducer Drivers
• Acoustic Optical Modulators
FEATURES
• Switching Frequency: DC TO 30MHz
• Low Pulse Width Distortion
• Single Power Supply
• 1V CMOS Schmitt Trigger Input 1V
Hysteresis
• Inverting Non-Inverting Select
• RoHS Compliant
• Output Capable of
≥ 8A RMS
• Power Dissipation Capability 60W
Symbol
Parameter
Ratings
Unit
V
DD
Supply Voltage
18
V
IN, FN
Input Single Voltages
-.7 to +5.5
I
O PK
Output Current Peak
8A
T
JMAX
Operating Temperature
175
°C
MOSFET Driver Hybrid
Driver Absolute Maximum Ratings
Driver Specifications
Symbol
Parameter
Min
Typ
Max
Unit
V
DD
Supply Voltage
815
18
V
IN
Input Voltage
3
5.5
IN
(R)
Input Voltage Rising Edge
3
ns
IN
(F)
Input Voltage Falling Edge
3
I
DDQ
Quiescent Current
2mA
I
O
Output Current
8A
C
oss
Output Capacitance
2500
pF
C
iss
Input Capacitance
3
R
IN
Input Parallel Resistance
1mΩ
V
T(ON)
Input, Low to High Out
2.0
2.8
V
V
T(OFF)
Input, High to Low Out
1.0
1.4
T
DLY
Time Delay (throughput)
25
38
ns
t
r
Rise Time
1.5
2.5
3.0
ns
t
f
Fall Time
1.5
2.5
3.0
T
D
Prop. Delay
35
Microsemi Website - http://www.microsemi.com
DRF100


Similar Part No. - DRF100

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
DRF100 ADPOW-DRF100 Datasheet
2Mb / 12P
High Speed MOSFET Driver
More results

Similar Description - DRF100

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
DRF1200 ADPOW-DRF1200 Datasheet
1Mb / 8P
MOSFET Driver Hybrid
logo
Semikron International
SKHI22A SEMIKRON-SKHI22A_05 Datasheet
40Kb / 1P
Hybrid Dual MOSFET Driver
logo
Microsemi Corporation
DRF1200 MICROSEMI-DRF1200 Datasheet
233Kb / 4P
MOSFET Driver Hybrid
DRF1201 MICROSEMI-DRF1201 Datasheet
170Kb / 4P
MOSFET Driver Hybrid
DRF1202 MICROSEMI-DRF1202 Datasheet
180Kb / 4P
MOSFET Driver Hybrid
DRF1203 MICROSEMI-DRF1203 Datasheet
162Kb / 4P
MOSFET Driver Hybrid
DRF1200 MICROSEMI-DRF1200_11 Datasheet
239Kb / 4P
MOSFET Driver Hybrid
DRF1201 MICROSEMI-DRF1201_11 Datasheet
256Kb / 4P
MOSFET Driver Hybrid
DRF1202 MICROSEMI-DRF1202_11 Datasheet
246Kb / 4P
MOSFET Driver Hybrid
DRF1203 MICROSEMI-DRF1203_11 Datasheet
248Kb / 4P
MOSFET Driver Hybrid
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com