Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRF1203 Datasheet (PDF) - Microsemi Corporation

DRF1203 Datasheet PDF - Microsemi Corporation
Part # DRF1203
Download  DRF1203 Download
File Size   162.0 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description MOSFET Driver Hybrid

DRF1203 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRF1203 Datasheet PDF - Microsemi Corporation

Part # DRF1203
Download  DRF1203 Click to download

File Size   162.0 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description MOSFET Driver Hybrid

DRF1203 Datasheet (HTML) - Microsemi Corporation


DRF1203 Product details

The DRF1203 hybrid includes a high power gate driver and the power MOSFET. The driver output can be configured as Inverting and NonInverting. It was designed to provide the system designer increased flexibility and lowered cost over a non-integrated solution.

FEATURES
• Switching Frequency: DC TO 30MHz
• Switching Speed 3-4ns
• Low Pulse Width Distortion
• BVds = 1Kv
• Single Power Supply
• Ids = 12A avg.
• 1V CMOS Schmitt Trigger Input 1V Hysteresis
• Rds(on) ≤ .90 Ohm
• Inverting Non-Inverting Select
• PD = 560W
• RoHS Compliant

TYPICAL APPLICATIONS
• Class C, D and E RF Generators
• Switch Mode Power Amplifiers
• Pulse Generators
• Ultrasound Transducer Drivers
• Acoustic Optical Modulators




Similar Part No. - DRF1203

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
DRF1203 MICROSEMI-DRF1203 Datasheet
248Kb / 4P
MOSFET Driver Hybrid
DRF1203 MICROSEMI-DRF1203_11 Datasheet
248Kb / 4P
MOSFET Driver Hybrid
More results


Similar Description - DRF1203

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
DRF1200 ADPOW-DRF1200 Datasheet
1Mb / 8P
MOSFET Driver Hybrid
logo
Semikron International
SKHI22A SEMIKRON-SKHI22A_05 Datasheet
40Kb / 1P
Hybrid Dual MOSFET Driver
logo
Microsemi Corporation
DRF100 MICROSEMI-DRF100 Datasheet
115Kb / 4P
MOSFET Driver Hybrid
DRF1200 MICROSEMI-DRF1200 Datasheet
233Kb / 4P
MOSFET Driver Hybrid
DRF1201 MICROSEMI-DRF1201 Datasheet
170Kb / 4P
MOSFET Driver Hybrid
DRF1202 MICROSEMI-DRF1202 Datasheet
180Kb / 4P
MOSFET Driver Hybrid
DRF1200 MICROSEMI-DRF1200_11 Datasheet
239Kb / 4P
MOSFET Driver Hybrid
DRF1201 MICROSEMI-DRF1201_11 Datasheet
256Kb / 4P
MOSFET Driver Hybrid
DRF1202 MICROSEMI-DRF1202_11 Datasheet
246Kb / 4P
MOSFET Driver Hybrid
DRF1203 MICROSEMI-DRF1203_11 Datasheet
248Kb / 4P
MOSFET Driver Hybrid
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com