Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRF1200 Datasheet (PDF) - Advanced Power Technology

DRF1200 Datasheet PDF - Advanced Power Technology
Part # DRF1200
Download  DRF1200 Download
File Size   1465.52 Kbytes
Page   8 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description MOSFET Driver Hybrid

DRF1200 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRF1200 Datasheet PDF - Advanced Power Technology

Part # DRF1200
Download  DRF1200 Click to download

File Size   1465.52 Kbytes
Page   8 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description MOSFET Driver Hybrid

DRF1200 Datasheet (HTML) - Advanced Power Technology


DRF1200 Product details

The DRF1200 MOSFET driver hybrid. This hybrid includes a high power gate driver and the power MOSFET. It was designed to provide the system designer increased flexibility and lowered cost over a non-integrated solution.



DRIVER FEATURES

• Switching Frequency: DC TO 30MHz

• Low Pulse Width Distortion

• Single Power Supply

• 3V CMOS Schmitt Trigger Input 1V Hysteresis

• Drivers > 3nF



MOSFET FEATURES

• Switching Frequency: DC TO 30MHz

• Switching Speed 3-4ns

• BVds = 1kV

• Ids = 13A avg.

• Rds(on) ≤ 1 Ohm

• PD = 350W



TYPICAL APPLICATIONS

• Class C, D and E RF Generators

• Switch Mode Power Amplifiers

• Pulse Generators

• Ultrasound Transducer Drivers

• Acoustic Optical Modulators



 




Similar Part No. - DRF1200

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
DRF1200 MICROSEMI-DRF1200 Datasheet
233Kb / 4P
MOSFET Driver Hybrid
DRF1200 MICROSEMI-DRF1200 Datasheet
239Kb / 4P
MOSFET Driver Hybrid
DRF1200 MICROSEMI-DRF1200_11 Datasheet
239Kb / 4P
MOSFET Driver Hybrid
More results


Similar Description - DRF1200

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKHI22A SEMIKRON-SKHI22A_05 Datasheet
40Kb / 1P
Hybrid Dual MOSFET Driver
logo
Microsemi Corporation
DRF100 MICROSEMI-DRF100 Datasheet
115Kb / 4P
MOSFET Driver Hybrid
DRF1200 MICROSEMI-DRF1200 Datasheet
233Kb / 4P
MOSFET Driver Hybrid
DRF1201 MICROSEMI-DRF1201 Datasheet
170Kb / 4P
MOSFET Driver Hybrid
DRF1202 MICROSEMI-DRF1202 Datasheet
180Kb / 4P
MOSFET Driver Hybrid
DRF1203 MICROSEMI-DRF1203 Datasheet
162Kb / 4P
MOSFET Driver Hybrid
DRF1200 MICROSEMI-DRF1200_11 Datasheet
239Kb / 4P
MOSFET Driver Hybrid
DRF1201 MICROSEMI-DRF1201_11 Datasheet
256Kb / 4P
MOSFET Driver Hybrid
DRF1202 MICROSEMI-DRF1202_11 Datasheet
246Kb / 4P
MOSFET Driver Hybrid
DRF1203 MICROSEMI-DRF1203_11 Datasheet
248Kb / 4P
MOSFET Driver Hybrid
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com