Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRF100 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # DRF100
Description  MOSFET Driver Hybrid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DRF100 Datasheet(HTML) 2 Page - Microsemi Corporation

  DRF100 Datasheet HTML 1Page - Microsemi Corporation DRF100 Datasheet HTML 2Page - Microsemi Corporation DRF100 Datasheet HTML 3Page - Microsemi Corporation DRF100 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DRF100
Output Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
C
out
Output Capacitance
2500
pF
R
out
Output Resistance
1
Ω
L
out
Output Inductance
2
3
4
nH
F
MAX
Operating Frequency CL=3000nF + 50Ω
30
MHz
F
MAX
Operating Frequency RL=50Ω
50
Dynamic Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
C
iss
Input Capacitance
2000
pF
C
oss
Output Capacitance
165
C
rss
Reverse Transfer Capacitance
75
Thermal Characteristics
Symbol
Parameter
Ratings
Unit
JC
Thermal Resistance Junction to Case
1.44
°C/W
JHS
Thermal Resistance Junction to Heat Sink
2.53
T
JSTG
Storage Temperature
-55 to 150
°C
P
D
Maximum Power Dissipation @ T
SINK = 25°C
60
W
P
DC
Total Power Dissipation @ T
C = 25°C
100
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Figure 1, DRF100 Simplified Circuit Diagram
The Simplified DRF100 Circuit Diagram is illustrated above. By including the driver high speed by-pass capacitor (C Internal), the contribution
to the internal parasitic loop inductance of the driver output is greatly reduced. This low parasitic approach, coupled with the Schmitt trig-
ger input (pin 4), Kelvin signal ground (pin 5) and the Anti-Ring Function, provide improved stability and control. The IN pin (4) is applied to
a Schmitt Trigger. The signal is then applied to the intermediate drivers and level shifters; this section contains proprietary circuitry designed
specifically for ring abatement. The P channel and N channel power drivers provide the high current to the OUTPUT (pin 9.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com