Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS652 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS652
Description  RF & MICROWAVE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS652 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS652 Datasheet HTML 1Page - Advanced Power Technology MS652 Datasheet HTML 2Page - Advanced Power Technology MS652 Datasheet HTML 3Page - Advanced Power Technology MS652 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MS652.PDF 12-04-03
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
Page 1
MS652/MS652S
RF & MICROWAVE TRANSISTORS
ESCRIPTION
ESCRIPTION
The MS652/MS652S is a 12.5 V Class C epitaxial silicon NPN planar
transistor designed primarily for UHF communications. It withstands severe
mismatch under normal operating conditions.
KEY FEATURES
KEY FEATURES
§ 512 MHz
§ 12.5 Volts
§ Common Emitter
§
POUT = 5 W Min.
§
GP = 10.0 dB Gain
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFITS
S
§ UHF Portable/Mobile
Applications
ABSOLUTE MAXIMUM RATINGS (T
CASE
= 25°°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
36
V
VCEO
Collector-Emitter Voltage
16
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current
2
A
PDISS
Power Dissipation
25
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
-65 to +150
°C
THERMAL DATA
RTH(j-c)
Junction-Case Thermal Resistance
7
°C/W
MS652
MS652S


Similar Part No. - MS652

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS652 MICROSEMI-MS652 Datasheet
127Kb / 4P
5.0 Watts, 12.5 Volts, Class C UHF Applications
MS652S MICROSEMI-MS652S Datasheet
127Kb / 4P
5.0 Watts, 12.5 Volts, Class C UHF Applications
More results

Similar Description - MS652

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS1077 MICROSEMI-MS1077 Datasheet
101Kb / 4P
RF & MICROWAVE TRANSISTORS
MS1403 MICROSEMI-MS1403 Datasheet
176Kb / 4P
RF & MICROWAVE TRANSISTORS
MS1510 MICROSEMI-MS1510 Datasheet
486Kb / 5P
RF & MICROWAVE TRANSISTORS
MS2176 MICROSEMI-MS2176 Datasheet
187Kb / 4P
RF & MICROWAVE TRANSISTORS
SD1014-02 MICROSEMI-SD1014-02 Datasheet
193Kb / 4P
RF & MICROWAVE TRANSISTORS
SD1143 MICROSEMI-SD1143 Datasheet
173Kb / 4P
RF & MICROWAVE TRANSISTORS
SD1144 MICROSEMI-SD1144 Datasheet
176Kb / 4P
RF & MICROWAVE TRANSISTORS
SD1224 MICROSEMI-SD1224 Datasheet
94Kb / 4P
RF & MICROWAVE TRANSISTORS
MMBR5179LT1 MICROSEMI-MMBR5179LT1 Datasheet
327Kb / 1P
RF & MICROWAVE TRANSISTORS
logo
New Jersey Semi-Conduct...
SD1541-01 NJSEMI-SD1541-01 Datasheet
188Kb / 3P
RF & MICROWAVE TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com