Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1007 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS1007
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1007 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS1007 Datasheet HTML 1Page - Advanced Power Technology MS1007 Datasheet HTML 2Page - Advanced Power Technology MS1007 Datasheet HTML 3Page - Advanced Power Technology MS1007 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855
MS1007
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
RF & MICROWAVE TRANSISTORS
HF SSB APPLICATIONS
DESCRIPTION:
DESCRIPTION:
The MS1007 is a 50V epitaxial silicon NPN planar transistor
designed primarily for SSB communications. This device
utilizes emitter ballasting to achieve extreme ruggedness
under severe operating conditions.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
110
V
VCEO
Collector-Emitter Voltage
55
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current
10
A
PDISS
Power Dissipation
233
W
TJ
Junction Temperature
+200
°°C
TSTG
Storage Temperature
-65 to +150
°°C
Thermal Data
Thermal Data
RTH(J-C)
Thermal Resistance Junction-case
0.75
°°C/W
Features
Features
• 30 MHz
• 50 VOLTS
• P
OUT = 150 WATTS
• G
P = 14 dB MINIMUM
• COMMON EMITTER CONFIGURATION


Similar Part No. - MS1007

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS1000 ADPOW-MS1000 Datasheet
98Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1001 ADPOW-MS1001 Datasheet
118Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Microsemi Corporation
MS1002 MICROSEMI-MS1002 Datasheet
131Kb / 2P
10 AMP SCHOTTKY BARRIER RECTIFIERS
MS1003 MICROSEMI-MS1003 Datasheet
119Kb / 2P
10 AMP SCHOTTKY BARRIER RECTIFIER
MS1003 MICROSEMI-MS1003 Datasheet
131Kb / 2P
10 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MS1007

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1407 STMICROELECTRONICS-SD1407 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1411 STMICROELECTRONICS-SD1411 Datasheet
52Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1487 STMICROELECTRONICS-SD1487 Datasheet
63Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Nov-1992
SD1730 STMICROELECTRONICS-SD1730 Datasheet
77Kb / 6P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
07-Sep-1994
logo
Microsemi Corporation
MS1226 MICROSEMI-MS1226 Datasheet
61Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Advanced Power Technolo...
MS1001 ADPOW-MS1001 Datasheet
118Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1008 ADPOW-MS1008 Datasheet
185Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Microsemi Corporation
MS1076 MICROSEMI-MS1076 Datasheet
92Kb / 6P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
STMicroelectronics
SD1726 STMICROELECTRONICS-SD1726_03 Datasheet
197Kb / 8P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
January, 10 2003
logo
New Jersey Semi-Conduct...
SD1487 NJSEMI-SD1487 Datasheet
77Kb / 2P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com