Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1007 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1007
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1007 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1007 Datasheet HTML 1Page - Advanced Power Technology MS1007 Datasheet HTML 2Page - Advanced Power Technology MS1007 Datasheet HTML 3Page - Advanced Power Technology MS1007 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855
MS1007
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 100mA
IE = 0mA
110
---
---
V
BVCES
IC = 100mA
VBE = 0V
110
---
---
V
BVCEO
IC = 100mA
IB = 0mA
55
---
---
V
BVEBO
IE = 10mA
IC = 0mA
4.0
---
---
V
ICEO
VCE = 30V
IE = 0 mA
---
---
5
mA
ICES
VCE = 60V
IE = 0mA
---
---
5
mA
hFE
VCE = 6V
IC = 1.4A
18
---
43.5
---
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 30 MHz
VCE = 50V
ICQ = 100mA
150
---
---
WPEP
GP
POUT = 150WPEP
VCE = 50V
ICQ = 100mA
14
---
---
dB
IMD
POUT = 150WPEP
VCE = 50V
ICQ = 100mA
---
-30
dBc
ηη
C
POUT = 150WPEP
VCE = 50V
ICQ = 100mA
37
---
---
%
COB
f = 1 MHz
VCB = 50 V
---
---
220
pf
Conditions
f1 = 30.000MHz
f2 = 30.001MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com