Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1253 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1253
Description  RF & MICROWAVE TRANSISTORS HF/VHF APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1253 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1253 Datasheet HTML 1Page - Advanced Power Technology MS1253 Datasheet HTML 2Page - Advanced Power Technology MS1253 Datasheet HTML 3Page - Advanced Power Technology MS1253 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MS1253
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVcbo
IC = 50 mA
IE = 0 mA
45
---
---
V
BVces
IC = 100 mA
VBE = 0 V
40
---
---
V
BVebo
IE = 10 mA
IE = 0 mA
3.5
---
---
V
BVceo
IE = 50 mA
IB = 0 mA
18
---
---
V
Ices
VCE = 15 V
IE = 0 mA
---
---
10
mA
HFE
VCE = 5 V
IC = 5 A
10
---
200
---
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 50 MHz
PIN = 7W
VCE = 12.5V
70
---
---
W
GPE
f = 50 MHz
PIN = 7W
VCE = 12.5V
10
---
---
dB
ηη
C
f = 50 MHz
PIN = 7W
VCE = 12.5V
45
---
---
%
COB
f = 1 MHz
VCB = 12.5 V
---
---
300
pf
IMPENDANCE DATA
IMPENDANCE DATA
FREQ
ZIN(
Ω)
Ω)
ZCL(
Ω)
Ω)
50 MHz
0.8 + j0.9
1.2 + j0.6
POUT = 70W
VCE = 12.5V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com