Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1253 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS1253
Description  RF & MICROWAVE TRANSISTORS HF/VHF APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1253 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS1253 Datasheet HTML 1Page - Advanced Power Technology MS1253 Datasheet HTML 2Page - Advanced Power Technology MS1253 Datasheet HTML 3Page - Advanced Power Technology MS1253 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MS1253
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
RF & MICROWAVE TRANSISTORS
HF/VHF APPLICATIONS
DESCRIPTION
DESCRIPTION:
The MS1253 is a 12.5 V Class C epitaxial silicon NPN
transistor designed primarily for land mobile transmitter
applications. This device utilizes emitter ballasting, is
extremely stable and capable of withstanding high VSWR
under operating conditions.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
45
V
VCEO
Collector-Emitter Voltage
18
V
VEBO
Emitter-Base Voltage
3.5
V
PDISS
Power Dissipation
183
W
IC
Device Current
12.0
A
TJ
Junction Temperature
200
°°C
TSTG
Storage Temperature
-65 to +150
°°C
Thermal Data
Thermal Data
RTH(J-C)
Thermal Resistance Junction-case
1.05
°°C/W
Features
Features
• 50 MHz
• 12.5 VOLTS
• P
OUT = 70 WATTS
• G
p = 10 dB MINIMUM
• COMMON EMITTER CONFIGURATION


Similar Part No. - MS1253

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MS125 DIOTEC-MS125 Datasheet
119Kb / 2P
Surface Mount Si-Bridge-Rectifiers Si-Br짰kengleichrichter f짰 die Oberfl짰henmontage
MS125 DIOTEC-MS125 Datasheet
130Kb / 2P
Surface Mount Si-Bridge-Rectifiers
logo
Advanced Power Technolo...
MS1251 ADPOW-MS1251 Datasheet
193Kb / 6P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1252 ADPOW-MS1252 Datasheet
84Kb / 3P
RF AND MICROWAVE TRANSISTORS HF - VHF COMMUNICATION APPLICATIONS
logo
CIT Relay & Switch
MS1257 CIT-MS1257 Datasheet
118Kb / 1P
CIT SWITCH
More results

Similar Description - MS1253

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1407 STMICROELECTRONICS-SD1407 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1446 STMICROELECTRONICS-SD1446 Datasheet
59Kb / 5P
RF & MICROWAVE TRANSISTORS HF/VHF APPLICATIONS
Nov-1992
SD1480 STMICROELECTRONICS-SD1480 Datasheet
78Kb / 6P
RF & MICROWAVE TRANSISTORS VHF APPLICATIONS
20-Jun-1994
logo
Microsemi Corporation
MS1226 MICROSEMI-MS1226 Datasheet
61Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Advanced Power Technolo...
MS1001 ADPOW-MS1001 Datasheet
118Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1007 ADPOW-MS1007 Datasheet
161Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1252 ADPOW-MS1252 Datasheet
84Kb / 3P
RF AND MICROWAVE TRANSISTORS HF - VHF COMMUNICATION APPLICATIONS
MS1008 ADPOW-MS1008 Datasheet
185Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
SD1013-03 ADPOW-SD1013-03 Datasheet
113Kb / 3P
RF & MICROWAVE TRANSISTORS VHF APPLICATIONS
logo
STMicroelectronics
SD1726 STMICROELECTRONICS-SD1726_03 Datasheet
197Kb / 8P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
January, 10 2003
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com