Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1263 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS1263
Description  RF & MICROWAVE TRANSISTOR UHF MOBILE APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1263 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS1263 Datasheet HTML 1Page - Advanced Power Technology MS1263 Datasheet HTML 2Page - Advanced Power Technology MS1263 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MS1263
DESCRIPTION:
DESCRIPTION:
The MS1263 is a NPN silicon RF power transistor designed for
12.5-volt UHF amplifier applications operating to 512 MHz. The
MS1263 has internal impedance matching for broadband
operation and diffused emitter ballast for high load VSWR
tolerance.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
36
V
VCEO
Collector-Emitter Voltage
16
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Collector Current
3.4
0
A
PTOT
Total Power Dissipation
37.5
W
TSTG
Storage Temperature
-65 to +150
°°C
TJ
Junction Temperature
+200
°°C
Thermal Data
Thermal Data
RθθJC
Thermal Resistance Junction-case
4.6
°°C/W
Features
Features
• 512 MHz
• 12.5 VOLTS
• P
OUT = 15 W MINIMUM
• G
P = 7.8 dB
• INPUT MATCHED
• COMMON EMITTER CONFIGURATION
RF & MICROWAVE TRANSISTOR
UHF MOBILE APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS1263

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS126 ETC2-MS126 Datasheet
233Kb / 2P
Power Film Resistors
logo
Caddock Electronics, In...
MS126 CADDOCK-MS126 Datasheet
400Kb / 2P
Type MS Power Film Resistors
logo
Advanced Power Technolo...
MS1261 ADPOW-MS1261 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
logo
New Jersey Semi-Conduct...
MS1261 NJSEMI-MS1261 Datasheet
106Kb / 3P
RF & MICROWAVE TRANSISTORS VHP MOBILE APPLICATIONS
More results

Similar Description - MS1263

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1134 STMICROELECTRONICS-SD1134 Datasheet
47Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Nov-1992
SD1135 STMICROELECTRONICS-SD1135 Datasheet
52Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Oct-1992
SD1433 STMICROELECTRONICS-SD1433 Datasheet
59Kb / 5P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Nov-1992
SD1434 STMICROELECTRONICS-SD1434 Datasheet
73Kb / 5P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Oct-1992
SD1488 STMICROELECTRONICS-SD1488 Datasheet
60Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
24-Jul-1993
logo
Advanced Power Technolo...
MS1404 ADPOW-MS1404 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
MS1426 ADPOW-MS1426 Datasheet
98Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
MS1490 ADPOW-MS1490 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
SD1422 ADPOW-SD1422 Datasheet
126Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
logo
New Jersey Semi-Conduct...
SD1434 NJSEMI-SD1434 Datasheet
93Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com