Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1263 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1263
Description  RF & MICROWAVE TRANSISTOR UHF MOBILE APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1263 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1263 Datasheet HTML 1Page - Advanced Power Technology MS1263 Datasheet HTML 2Page - Advanced Power Technology MS1263 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MS1263
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCEO
IC = 50mA
IB = 0
16
---
---
V
BVCES
IC = 50mA
VBE = 0
36
---
---
V
BVEBO
IE = 5.0mA
IC = 0
4.0
---
---
V
ICES
VCE = 15V
VBE = 0
---
---
5.0
mA
HFE
VCE = 5.0V
IC = 500mA
20
---
120
---
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 512 MHz
PIN = 2.5 W
VCC = 12.5V
15
---
---
W
GP
f = 512 MHz
PIN = 2.5 W
VCC = 12.5V
7.8
---
---
dB
ηη
c
f = 512 MHz
PIN = 2.5 W
VCC = 12.5V
50
---
---
%
COB
f = 1.0 MHz
VCB = 12.5V
---
---
50
pf
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
ZCL(
Ω)
Ω)
470 MHz
0.95 – j1.1
2.2 + j0.9
512 MHz
0.82 + j2.5
2.1 + j2.3
PIN=2.5W
VCE=12.5V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com