Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01JTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # L99VR01JTR
Description  Automotive-grade LDO with configurable output voltage and diagnostic features based on the L99VR01JTR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01JTR Datasheet(HTML) 3 Page - STMicroelectronics

  L99VR01JTR Datasheet HTML 1Page - STMicroelectronics L99VR01JTR Datasheet HTML 2Page - STMicroelectronics L99VR01JTR Datasheet HTML 3Page - STMicroelectronics L99VR01JTR Datasheet HTML 4Page - STMicroelectronics L99VR01JTR Datasheet HTML 5Page - STMicroelectronics L99VR01JTR Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2
Schematic diagrams
Figure 2. AEK-POW-LDOV01J circuit schematic
Sel1 Sel2 Sel3
0
Vo
1
0.8
1.2
1.5
1.8
2.5
2.8
3.3
5.0
0
1
0
1
0
1
0
0
1
1
0
0
1
1
0
0
0
0
1
1
1
1
GND
GND
GND
GND
GND
GND
GND
EN
Vs
GND
GND
GND
Sel1
Sel2
Sel3
2
3
5
4
Sel
Sel
Sel
1
2
3
6
7
En
T
Is
w
hort
8
GND
1
Vs
9
Vcw
Wi
10
RST
11
Vo
12
U1
L99VR01JTR
GND
Vo_ADC
RST
EN
Vo_ADC
SEL3
SEL2
SEL1
Vo_ADC
GND
VEXT
TW
RST
Wi
GND
GND
GND
GND
10
10
9
9
8
8
7
7
6
6
5
5
4
4
3
3
2
2
1
1
CN1
Sel3
Sel2
Sel1
R31K
1KR4
1KR5
10K
R9
10K
R10
2K
R2
R6
100K
R1
N.M.
C2
100nF
C6
100nF
C5
100nF
C1
10uF
C3
3.3uF
C4
47nF
Vcw1
EN1
VEXT
VEXT
Vo
N.
R15
M.
TW
Vo
BSS138Q
Q1
GND
1
2
P1
SMCJ24CA-TR
D3
STPS0540ZY
D2
STTH102AY
D1
3
2
1
Sel1
3
2
1
Sel2
3
2
1
Sel3
Vs
Wi
1KR12
1KR11
1K
R13
1K
R14
1
2
P2
Wi
RST
EN
TW
500K
R8
10K
R7
10K
R16



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com