Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01JTR Datasheet (PDF) - STMicroelectronics

L99VR01JTR Datasheet PDF - STMicroelectronics
Part # L99VR01JTR
Download  L99VR01JTR Download
File Size   312.03 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade LDO with configurable output voltage and diagnostic features based on the L99VR01JTR

L99VR01JTR Datasheet (PDF)

Go To PDF Page Download Datasheet
L99VR01JTR Datasheet PDF - STMicroelectronics

Part # L99VR01JTR
Download  L99VR01JTR Click to download

File Size   312.03 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade LDO with configurable output voltage and diagnostic features based on the L99VR01JTR

L99VR01JTR Datasheet (HTML) - STMicroelectronics


L99VR01JTR Product details

Description
The AEK-POW-LDOV01J is an evaluation board based on the L99VR01JTR. It
can be used in several electronic applications such as microcontroller supplies,
automotive display drivers, sensors, and infotainment processors.
Thanks to its thermal performance up to 170°C, the device is suitable for electronic
applications with high temperature environments and for applications that require
stable power supplies.

Features
• Eight selectable fixed output voltages: (0.8, 1.2, 1.5, 1.8, 2.5, 2.8, 3.3, and 5 V)
with up to 200 mA load current capability
• Protection and diagnostics features:
– Enable pin
– Reset
– Watchdog
– Advanced thermal warning with output overvoltage detection
– In-short control
– Fast output discharge




Similar Part No. - L99VR01JTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99VR01JTR STMICROELECTRONICS-L99VR01JTR Datasheet
3Mb / 47P
Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
22-Aug-2022
More results


Similar Description - L99VR01JTR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15008 MAXIM-MAX15008 Datasheet
469Kb / 23P
Automotive 300mA LDO Voltage Regulators with Tracker Output and Overvoltage Protector
Rev 0; 9/07
logo
List of Unclassifed Man...
ZSC31015 ETC2-ZSC31015 Datasheet
1Mb / 53P
RBicdLite Analog Output Sensor Signal Conditioner with Diagnostic Features
logo
ON Semiconductor
NCV47821 ONSEMI-NCV47821 Datasheet
181Kb / 15P
3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 1
logo
Xilinx, Inc
XC2S15 XILINX-XC2S15 Datasheet
44Kb / 4P
Streamlined features based on Virtex architecture
DS483 XILINX-DS483 Datasheet
198Kb / 5P
Configurable size of the input and output bus
logo
Integrated Device Techn...
ZSC31015 IDT-ZSC31015 Datasheet
907Kb / 52P
Analog Output Sensor Signal Conditioner with Diagnostic Features
logo
ON Semiconductor
NCV47821 ONSEMI-NCV47821_17 Datasheet
181Kb / 15P
Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
January, 2017 ??Rev. 2
logo
Renesas Technology Corp
ZSC31015 RENESAS-ZSC31015 Datasheet
1Mb / 53P
RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
logo
Maxim Integrated Produc...
MAX15158EVKIT MAXIM-MAX15158EVKIT Datasheet
1Mb / 15P
Configurable Output Voltage and Compensation Parameters
Rev 2; 12/19
logo
STMicroelectronics
AEK-POW-LDOV01S STMICROELECTRONICS-AEK-POW-LDOV01S Datasheet
2Mb / 6P
Automotive-grade LDO with configurable output voltage based on the L99VR01STR
26-Jul-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com