Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSWAUTODEVKIT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STSWAUTODEVKIT
Description  Automotive-grade LDO with configurable output voltage and diagnostic features based on the L99VR01JTR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSWAUTODEVKIT Datasheet(HTML) 1 Page - STMicroelectronics

  STSWAUTODEVKIT Datasheet HTML 1Page - STMicroelectronics STSWAUTODEVKIT Datasheet HTML 2Page - STMicroelectronics STSWAUTODEVKIT Datasheet HTML 3Page - STMicroelectronics STSWAUTODEVKIT Datasheet HTML 4Page - STMicroelectronics STSWAUTODEVKIT Datasheet HTML 5Page - STMicroelectronics STSWAUTODEVKIT Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
•
Eight selectable fixed output voltages: (0.8, 1.2, 1.5, 1.8, 2.5, 2.8, 3.3, and 5 V)
with up to 200 mA load current capability
•
Protection and diagnostics features:
–
Enable pin
–
Reset
–
Watchdog
–
Advanced thermal warning with output overvoltage detection
–
In-short control
–
Fast output discharge
Description
The AEK-POW-LDOV01J is an evaluation board based on the L99VR01JTR. It
can be used in several electronic applications such as microcontroller supplies,
automotive display drivers, sensors, and infotainment processors.
Thanks to its thermal performance up to 170°C, the device is suitable for electronic
applications with high temperature environments and for applications that require
stable power supplies.
Product summary
Automotive-grade LDO
with configurable
output voltage
and diagnostic
features based on
L99VR01JTR
AEK-POW-
LDOV01J
Automotive linear
voltage regulator with
configurable output
voltage and 200 mA
current capability
L99VR01JTR
AutoDevKit library
plugin for SPC5-
STUDIO
STSW-
AUTODEVKIT
Code generator,
quick resource
configurator and
Eclipse development
environment for SPC5
MCUs
SPC5-Studio
Application
Power
Distribution/
Digital Power
Automotive-grade LDO with configurable output voltage and diagnostic features
based on the L99VR01JTR
AEK-POW-LDOV01J
Data brief
DB4723 - Rev 2 - September 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STSWAUTODEVKIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSWAUTODEVKIT STMICROELECTRONICS-STSWAUTODEVKIT Datasheet
2Mb / 6P
Automotive-grade LDO with configurable output voltage based on the L99VR01STR
26-Jul-2022
More results

Similar Description - STSWAUTODEVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15008 MAXIM-MAX15008 Datasheet
469Kb / 23P
Automotive 300mA LDO Voltage Regulators with Tracker Output and Overvoltage Protector
Rev 0; 9/07
logo
List of Unclassifed Man...
ZSC31015 ETC2-ZSC31015 Datasheet
1Mb / 53P
RBicdLite Analog Output Sensor Signal Conditioner with Diagnostic Features
logo
ON Semiconductor
NCV47821 ONSEMI-NCV47821 Datasheet
181Kb / 15P
3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 1
logo
Xilinx, Inc
XC2S15 XILINX-XC2S15 Datasheet
44Kb / 4P
Streamlined features based on Virtex architecture
DS483 XILINX-DS483 Datasheet
198Kb / 5P
Configurable size of the input and output bus
logo
Integrated Device Techn...
ZSC31015 IDT-ZSC31015 Datasheet
907Kb / 52P
Analog Output Sensor Signal Conditioner with Diagnostic Features
logo
ON Semiconductor
NCV47821 ONSEMI-NCV47821_17 Datasheet
181Kb / 15P
Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
January, 2017 ??Rev. 2
logo
Renesas Technology Corp
ZSC31015 RENESAS-ZSC31015 Datasheet
1Mb / 53P
RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
logo
Maxim Integrated Produc...
MAX15158EVKIT MAXIM-MAX15158EVKIT Datasheet
1Mb / 15P
Configurable Output Voltage and Compensation Parameters
Rev 2; 12/19
logo
STMicroelectronics
AEK-POW-LDOV01S STMICROELECTRONICS-AEK-POW-LDOV01S Datasheet
2Mb / 6P
Automotive-grade LDO with configurable output voltage based on the L99VR01STR
26-Jul-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com