Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01STR Datasheet(PDF) 3 Page - STMicroelectronics

Part # L99VR01STR
Description  Automotive-grade LDO with configurable output voltage based on the L99VR01STR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01STR Datasheet(HTML) 3 Page - STMicroelectronics

  L99VR01STR Datasheet HTML 1Page - STMicroelectronics L99VR01STR Datasheet HTML 2Page - STMicroelectronics L99VR01STR Datasheet HTML 3Page - STMicroelectronics L99VR01STR Datasheet HTML 4Page - STMicroelectronics L99VR01STR Datasheet HTML 5Page - STMicroelectronics L99VR01STR Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2
Schematic diagrams
Figure 2. AEK-POW-LDOV01S circuit schematic
Sel1
2
3
Sel2
Sel3
4
5
En
6
GND
RST
7
8
Vo
U1
1
Vs
L99VR01STR
1
2
P1
SMCJ24CA-TR
D2
EN
BSS138Q
Q1
GND
GND
GND
GND
C3
3.3uF
10uF
C1
C2
100nF
GND
GND
GND
GND
WE
7
7
6
6
5
5
4
4
3
3
2
2
1
1
8
8
CN1
1KR9
1KR10
10K
R8
RST
EN
Sel1
Sel2
Sel3
Vo_ADC
GND
3
2
1
Sel1
3
2
1
Sel2
3
2
1
Sel3
GND
GND
VS
VS
R2
N.M.
EN
2K
R1
R3
100K
GND
RST
Vo_ADC
1KR4
1KR5
R61K
Sel3
Sel2
Sel1
Sel3 Sel1 Sel2 Vo
0
1
0.8
1.2
1.5
1.8
2.5
2.8
3.3
5.0
0
1
0
1
0
1
0
0
1
1
0
0
1
1
0
0
0
0
1
1
1
1
10K
R7
STPS0540ZY
D3
STTH102AY
D1
RST
EN
SEL3
SEL2
SEL1
Vo_ADC
GND
VEXT
C4
100nF
C5
100nF
GND
GND
VEXT
VEXT
1
2
P2
10K
R11



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com