Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01STR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L99VR01STR
Description  Automotive-grade LDO with configurable output voltage based on the L99VR01STR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01STR Datasheet(HTML) 1 Page - STMicroelectronics

  L99VR01STR Datasheet HTML 1Page - STMicroelectronics L99VR01STR Datasheet HTML 2Page - STMicroelectronics L99VR01STR Datasheet HTML 3Page - STMicroelectronics L99VR01STR Datasheet HTML 4Page - STMicroelectronics L99VR01STR Datasheet HTML 5Page - STMicroelectronics L99VR01STR Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
•
Eight selectable fixed output voltages: (0.8, 1.2, 1.5, 1.8, 2.5, 2.8, 3.3, and 5 V)
with up to 200 mA load current capability
•
Enable pin
•
Reset
•
Fast output discharge
Description
The AEK-POW-LDOV01S is an evaluation board based on the L99VR01STR. It
can be used in several electronic applications such as microcontroller supplies,
automotive display drivers, sensors, and infotainment processors.
Thanks to its thermal performance up to 150°C, the device is suitable for electronic
applications with high temperature environments and for applications requiring stable
power supplies.
Product summary
Automotive-grade LDO
with configurable
output voltage and
diagnostic features
based on the
L99VR01STR
AEK-POW-
LDOV01S
Automotive linear
voltage regulator with
configurable output
voltage and 200 mA
current capability
L99VR01STR
AutoDevKit library
plugin for SPC5-
STUDIO
STSW-
AUTODEVKIT
Code generator,
quick resource
configurator and
Eclipse development
environment for SPC5
MCUs
SPC5-Studio
Application
Power
Distribution/
Digital Power
Automotive-grade LDO with configurable output voltage based on the
L99VR01STR
AEK-POW-LDOV01S
Data brief
DB4725 - Rev 1 - July 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L99VR01STR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99VR01STR STMICROELECTRONICS-L99VR01STR Datasheet
3Mb / 47P
Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
22-Aug-2022
More results

Similar Description - L99VR01STR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALVIPER17L-7W STMICROELECTRONICS-EVALVIPER17L-7W Datasheet
92Kb / 6P
Demonstration board on 7 W single output based on the VIPer17
05-Jun-2008
STEVAL-CCA037V1 STMICROELECTRONICS-STEVAL-CCA037V1 Datasheet
244Kb / 4P
Amplifier based on the TS4990IQT
27-Apr-2012
AN2944 STMICROELECTRONICS-AN2944 Datasheet
522Kb / 12P
Plethysmograph based on the TS507
28-Jan-2010
logo
Linear Technology
LTM8001 LINER-LTM8001_15 Datasheet
432Kb / 28P
36VIN, 5A Module Regulator with 5-Output Configurable LDO Array
logo
Texas Instruments
RM57L843 TI1-RM57L843 Datasheet
8Mb / 218P
Microcontroller Based on the ARM
logo
STMicroelectronics
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
Wide range single-output demonstration board based on the VIPER06HS
10-Jan-2013
STEVAL-TLL008V1 STMICROELECTRONICS-STEVAL-TLL008V1 Datasheet
319Kb / 4P
Camera flash with SuperCap based on the STCF04
February 2012 Rev 1
STEVAL-ILL089V1 STMICROELECTRONICS-STEVAL-ILL089V1 Datasheet
902Kb / 4P
1 A buck LED driver board based on the ALED6000 automotive-grade dimmable LED driver
Rev 1 - November 2019
L99VR02J STMICROELECTRONICS-L99VR02J Datasheet
176Kb / 7P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
26-Oct-2020
AEK-POW-LDOV01J STMICROELECTRONICS-AEK-POW-LDOV01J Datasheet
312Kb / 6P
Automotive-grade LDO with configurable output voltage and diagnostic features based on the L99VR01JTR
02-Sep-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com