Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1408 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS1408
Description  RF AND MICROWAVE TRANSISTORS 108-152MHz APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1408 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS1408 Datasheet HTML 1Page - Advanced Power Technology MS1408 Datasheet HTML 2Page - Advanced Power Technology MS1408 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MS1408
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION:
The MS1408 is a 28 volt epitaxial silicon NPN planar transistor
designed for 108-152MHz AM class C and FM communications.
This device utilizes diffused emitter resisters to achieve VSWR at
rated operating conditions.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
65
V
VCEO
Collector-Emitter Voltage
35
V
VCES
Collector-Emitter Voltage
65
V
VEBO
Emitter-Base Voltage
4
V
IC
Collector Current
3
A
PDISS
Power Dissipation
30
W
TJ
Junction Temperature
+ 200
°°C
TSTG
Storage Temperature
- 65 to + 150
°°C
Thermal Data
RTH(j-c)
Junction-Case Thermal Resistance
5.83
°°C/W
Features
Features
• FM CLASS C TRANSISTOR
• FREQUENCY 136MHz
• VOLTAGE 28V
• POWER OUT 20W
• POWER GAIN 8.2dB
• EFFICIENCY 55%
• COMMON EMITTER
RF AND MICROWAVE TRANSISTORS
108-152MHz APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS1408

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS1408 MICROSEMI-MS1408 Datasheet
76Kb / 3P
RF AND MICROWAVE TRANSISTORS 108-152MHz APPLICATIONS
More results

Similar Description - MS1408

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SD1013-3 MICROSEMI-SD1013-3 Datasheet
676Kb / 7P
RF & MICROWAVE TRANSISTORS 108-152 MHz APPLICATIONS
SD1015 MICROSEMI-SD1015 Datasheet
568Kb / 5P
RF & MICROWAVE TRANSISTORS 108-152 MHz APPLICATIONS
SD1019 MICROSEMI-SD1019 Datasheet
613Kb / 6P
RF & MICROWAVE TRANSISTORS 108-152 MHz APPLICATIONS
logo
Advanced Power Technolo...
MSC1015MP ADPOW-MSC1015MP Datasheet
96Kb / 3P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1450M ADPOW-MSC1450M Datasheet
115Kb / 4P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2205 ADPOW-MS2205 Datasheet
96Kb / 3P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
SD1015 ADPOW-SD1015 Datasheet
145Kb / 4P
RF AND MICROWAVE TRANSISTORS 108-152MHz APPLICATIONS
logo
Microsemi Corporation
MS1408 MICROSEMI-MS1408 Datasheet
76Kb / 3P
RF AND MICROWAVE TRANSISTORS 108-152MHz APPLICATIONS
SD1015 MICROSEMI-SD1015_1 Datasheet
87Kb / 4P
RF AND MICROWAVE TRANSISTORS 108-152MHz APPLICATIONS
SD1019 MICROSEMI-SD1019_1 Datasheet
113Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com