Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1408 Datasheet (PDF) - Microsemi Corporation

MS1408 Datasheet PDF - Microsemi Corporation
Part # MS1408
Download  MS1408 Download
File Size   76.93 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RF AND MICROWAVE TRANSISTORS 108-152MHz APPLICATIONS

MS1408 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS1408 Datasheet PDF - Microsemi Corporation

Part # MS1408
Download  MS1408 Click to download

File Size   76.93 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RF AND MICROWAVE TRANSISTORS 108-152MHz APPLICATIONS

MS1408 Datasheet (HTML) - Microsemi Corporation


MS1408 Product details

DESCRIPTION:
The MS1408 is a 28 volt epitaxial silicon NPN planar transistor designed for 108-152MHz AM class C and FM communications. This device utilizes diffused emitter resisters to achieve VSWR at rated operating conditions.

Features
• FM CLASS C TRANSISTOR
• FREQUENCY 136MHz
• VOLTAGE 28V
• POWER OUT 20W
• POWER GAIN 8.2dB
• EFFICIENCY 55%
• COMMON EMITTER




Similar Part No. - MS1408

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS1408 ADPOW-MS1408 Datasheet
103Kb / 3P
RF AND MICROWAVE TRANSISTORS 108-152MHz APPLICATIONS
More results


Similar Description - MS1408

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SD1013-3 MICROSEMI-SD1013-3 Datasheet
676Kb / 7P
RF & MICROWAVE TRANSISTORS 108-152 MHz APPLICATIONS
SD1015 MICROSEMI-SD1015 Datasheet
568Kb / 5P
RF & MICROWAVE TRANSISTORS 108-152 MHz APPLICATIONS
SD1019 MICROSEMI-SD1019 Datasheet
613Kb / 6P
RF & MICROWAVE TRANSISTORS 108-152 MHz APPLICATIONS
logo
Advanced Power Technolo...
MS1408 ADPOW-MS1408 Datasheet
103Kb / 3P
RF AND MICROWAVE TRANSISTORS 108-152MHz APPLICATIONS
MSC1015MP ADPOW-MSC1015MP Datasheet
96Kb / 3P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1450M ADPOW-MSC1450M Datasheet
115Kb / 4P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2205 ADPOW-MS2205 Datasheet
96Kb / 3P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
SD1015 ADPOW-SD1015 Datasheet
145Kb / 4P
RF AND MICROWAVE TRANSISTORS 108-152MHz APPLICATIONS
logo
Microsemi Corporation
SD1015 MICROSEMI-SD1015_1 Datasheet
87Kb / 4P
RF AND MICROWAVE TRANSISTORS 108-152MHz APPLICATIONS
SD1019 MICROSEMI-SD1019_1 Datasheet
113Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF APPLICATIONS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com