Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1408 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MS1408
Description  RF AND MICROWAVE TRANSISTORS 108-152MHz APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS1408 Datasheet(HTML) 1 Page - Microsemi Corporation

  MS1408 Datasheet HTML 1Page - Microsemi Corporation MS1408 Datasheet HTML 2Page - Microsemi Corporation MS1408 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MS1408
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
DESCRIPTION:
The MS1408 is a 28 volt epitaxial silicon NPN planar transistor
designed for 108-152MHz AM class C and FM communications.
This device utilizes diffused emitter resisters to achieve VSWR at
rated operating conditions.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
65
V
VCEO
Collector-Emitter Voltage
35
V
VCES
Collector-Emitter Voltage
65
V
VEBO
Emitter-Base Voltage
4
V
IC
Collector Current
3
A
PDISS
Power Dissipation
30
W
TJ
Junction Temperature
+ 200
°C
TSTG
Storage Temperature
- 65 to + 150
°C
Thermal Data
RTH(j-c)
Junction-Case Thermal Resistance
5.83
°C/W
Features
• FM CLASS C TRANSISTOR
• FREQUENCY 136MHz
• VOLTAGE 28V
• POWER OUT 20W
• POWER GAIN 8.2dB
• EFFICIENCY 55%
• COMMON EMITTER
RF AND MICROWAVE TRANSISTORS
108-152MHz APPLICATIONS


Similar Part No. - MS1408

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS1408 ADPOW-MS1408 Datasheet
103Kb / 3P
RF AND MICROWAVE TRANSISTORS 108-152MHz APPLICATIONS
More results

Similar Description - MS1408

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SD1013-3 MICROSEMI-SD1013-3 Datasheet
676Kb / 7P
RF & MICROWAVE TRANSISTORS 108-152 MHz APPLICATIONS
SD1015 MICROSEMI-SD1015 Datasheet
568Kb / 5P
RF & MICROWAVE TRANSISTORS 108-152 MHz APPLICATIONS
SD1019 MICROSEMI-SD1019 Datasheet
613Kb / 6P
RF & MICROWAVE TRANSISTORS 108-152 MHz APPLICATIONS
logo
Advanced Power Technolo...
MS1408 ADPOW-MS1408 Datasheet
103Kb / 3P
RF AND MICROWAVE TRANSISTORS 108-152MHz APPLICATIONS
MSC1015MP ADPOW-MSC1015MP Datasheet
96Kb / 3P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1450M ADPOW-MSC1450M Datasheet
115Kb / 4P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2205 ADPOW-MS2205 Datasheet
96Kb / 3P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
SD1015 ADPOW-SD1015 Datasheet
145Kb / 4P
RF AND MICROWAVE TRANSISTORS 108-152MHz APPLICATIONS
logo
Microsemi Corporation
SD1015 MICROSEMI-SD1015_1 Datasheet
87Kb / 4P
RF AND MICROWAVE TRANSISTORS 108-152MHz APPLICATIONS
SD1019 MICROSEMI-SD1019_1 Datasheet
113Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com