Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1408 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MS1408
Description  RF AND MICROWAVE TRANSISTORS 108-152MHz APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS1408 Datasheet(HTML) 2 Page - Microsemi Corporation

  MS1408 Datasheet HTML 1Page - Microsemi Corporation MS1408 Datasheet HTML 2Page - Microsemi Corporation MS1408 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MS1408
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
°C)
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Units
BVCBO
IC = 200 mA
IE = 0 V
65
V
BVCES
IC = 200 mA
VBE = 0 V
65
V
BVCEO
IC = 200 mA
IB = 0 mA
35
V
BVEBO
IE = 10 mA
IC = 0 mA
4
V
ICBO
VCB = 30 V
IE = 0 V
1
mA
hFE
VCE = 5 V
IC = 200 mA
5
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Units
POUT
f = 136 MHz
VCE = 28 V
20
W
GP *
f = 136 MHz
VCE = 28 V
8.2
dB
COB
f = 1 MHz
VCB = 30 V
IE = 0 V
35
PF
Rev. B – June 2008



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com