Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVK-R6401 Datasheet(PDF) 6 Page - u-blox AG

Part # EVK-R6401
Description  LARA-R6 series cellular evaluation kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R6401 Datasheet(HTML) 6 Page - u-blox AG

Back Button EVK-R6401 Datasheet HTML 2Page - u-blox AG EVK-R6401 Datasheet HTML 3Page - u-blox AG EVK-R6401 Datasheet HTML 4Page - u-blox AG EVK-R6401 Datasheet HTML 5Page - u-blox AG EVK-R6401 Datasheet HTML 6Page - u-blox AG EVK-R6401 Datasheet HTML 7Page - u-blox AG EVK-R6401 Datasheet HTML 8Page - u-blox AG EVK-R6401 Datasheet HTML 9Page - u-blox AG EVK-R6401 Datasheet HTML 10Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
EVK-R6 - User guide
UBX-21035387 - R02
Starting up
Page 6 of 23
C1-Public
J248
Pin 1
J248
Pin 3
J107
Pin 1
Figure 3: 3-pin header J248 available to set the routing of the UART interfaces on the EVK-R6 for LARA-R6 modules
The other peripherals of the cellular module are available on the dual-in-line male header connectors
(J103 / J104) provided on the top layer of the cellular adapter board ADP-R6.
The lower board is designed to also be used with other u-blox cellular adapter boards. It contains
additional switches, jumpers, connectors, LEDs and parts that are partially described in Figure 1 or in
this document, because they are intended for use only with other u-blox cellular modules. It is
recommended to leave any additional connector unconnected, and to leave any additional switch in
its default configuration.
1.3 Switches, jumpers and buttons
Function
Description
Name
Board
Main power switch
Power on / off the whole evaluation kit
SW400 EVB
Cellular VCC
Jumper socket to provide the 3.8 V supply to the cellular module VCC input
J404
EVB
Cellular power-on
Push button to switch-on the cellular module
SW302 EVB
Cellular reset
Push button to reset the cellular module
SW303 EVB
Cellular UART detach
Slide switch to attach / detach cellular module UART from USB / RS232 connectors:
when detached, UART signals available only on DIL B2B connector on ADP board
SW401 EVB
Cellular UART routing
Slide switch to select cellular module main UART routing on USB or on RS232
connector
SW403 EVB
Cellular GPIO detach
Slide switch to attach / detach the cellular module GPIOs from peripherals: when
detached, the signals are available only on the DIL B2B connector on ADP-R6 board
SW300 EVB
Cellular GNSS detach
Slide switch to attach / detach the cellular module to the GNSS module (GPIO2-3-4):
when detached, signals are available only on DIL B2B connector on ADP-R6 board
SW304 EVB
GNSS V_BCKP
Slide switch to connect / disconnect backup battery to V_BCKP pin of the GNSS
module
SW204 EVB
Cellular VCC
Jumper socket to provide the 3.8 V supply to the cellular module VCC input
J109
ADP-R6
Cellular UARTs routing Jumper to route cellular module UART interfaces to USB two UARTs connector
(both Main and Auxiliary UART) or to lower board by the means of Dual-In-Line
male Board-to-Board connectors (only Main UART)
J248
ADP-R6
Table 1: EVK-R6 switch and button descriptions
1.4 LEDs
Function
Description
LED # Board
Color
Main power
Power supply plugged in the 9 - 18 V Power Input
DL401 EVB
Cellular VCC
Cellular module supplied. Main power switch must be switched on
DL400 EVB
Cellular native USB
USB cable plugged in the Cellular native USB connector
DS100 ADP-R6
Cellular two UARTs USB USB cable plugged in the Cellular two UARTs USB connector
DS201 ADP-R6
Cellular USB
USB cable plugged in the Cellular USB connector for UART access
DL501 EVB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com