Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVK-R6401 Datasheet(PDF) 20 Page - u-blox AG

Part # EVK-R6401
Description  LARA-R6 series cellular evaluation kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R6401 Datasheet(HTML) 20 Page - u-blox AG

Back Button EVK-R6401 Datasheet HTML 15Page - u-blox AG EVK-R6401 Datasheet HTML 16Page - u-blox AG EVK-R6401 Datasheet HTML 17Page - u-blox AG EVK-R6401 Datasheet HTML 18Page - u-blox AG EVK-R6401 Datasheet HTML 19Page - u-blox AG EVK-R6401 Datasheet HTML 20Page - u-blox AG EVK-R6401 Datasheet HTML 21Page - u-blox AG EVK-R6401 Datasheet HTML 22Page - u-blox AG EVK-R6401 Datasheet HTML 23Page - u-blox AG  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
EVK-R6 - User guide
UBX-21035387 - R02
Appendix
Page 20 of 23
C1-Public
C.5 Configure audio interface for earphones
The audio interface has to be configured by selecting among the available settings a combination
supported by the used audio codec.
EVK-R6 mounts a Maxim Integrated MAX9860 audio voice codec and the default configuration
module already matches with the setting supported by MAX9860. The user only needs to activate the
audio codec
Command sent by DTE (user)
DCE response (module)
Description
AT+USPM=1,0
OK
Set the headset profile (default
setting)(1).
AT+UI2S=14,1,0,3,0
OK
Configures the I2S digital audio interface
(default setting) (1).
AT+UGPIOC=34,12
OK
Configures the GPIO pin 34 (I2S_WA) as
I2S digital audio interface (default
setting) (1).
AT+UGPIOC=35,12
OK
Configures the GPIO pin 35 (I2S_TXD) as
I2S digital audio interface (default
setting) (1).
AT+UGPIOC=36,12
OK
Configures the GPIO pin 36 (I2S_CLK) as
I2S digital audio interface (default
setting) (1).
AT+UGPIOC=37,12
OK
Configures the GPIO pin 37 (I2S_RXD) as
I2S digital audio interface (default
setting) (1).
AT+UEXTDCONF=0
OK
Disable the audio codec and restore the
default settings (1).
AT+UEXTDCONF=0,1
OK
Defines the settings to be downloaded to
the Maxim MAX9860 external audio
codec. If it was disabled (as per default
setting), it will be enabled and configured
properly. In other scenarios,
AT+UEXTDCONF=0
shall have to be issued
previously.
AT+UTGN=440,500,100
OK
+UUTGN: 0
Play a 440 Hz tone, 0.5 s long, volume
0 dB.
(1) optional: this command is not needed if the module audio settings have been not changed and they
have the default values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com