Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL22 Datasheet(PDF) 2 Page - 3M Electronics

Part # TL22
Description  Scotch-WeldTM Threadlocker Anaerobic Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TL22 Datasheet(HTML) 2 Page - 3M Electronics

  TL22 Datasheet HTML 1Page - 3M Electronics TL22 Datasheet HTML 2Page - 3M Electronics TL22 Datasheet HTML 3Page - 3M Electronics TL22 Datasheet HTML 4Page - 3M Electronics TL22 Datasheet HTML 5Page - 3M Electronics TL22 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3MTM Scotch-WeldTM
Threadlocker Anaerobic Adhesives
TL22 • TL42 • TL43 • TL62 • TL70 • TL71 • TL72 • TL77 • TL90
Specific
Features
 3MTM Scotch-WeldTM Threadlocker TL77 is a permanent, high strength,
high viscosity threadlocker designed to work well with larger diameter (up to 1
½ “) and coarse threaded parts.
 3MTM Scotch-WeldTM Threadlocker TL90 is a low viscosity to provide a
wicking action, medium strength threadlocker that locks and seals small
compression and ferrule fittings with service temperature up to 400F. It is
useful for pre-assembled parts.
Common
Threadlocker
Features
 Prevent corrosion
 Shock and vibration resistance
 Fluorescence
 Fast setting
 Liquid (before cure)
 24 h cure at room temperature
Typical
Uncured
Physical
Properties
Note: The following technical information and data should be considered
representative or typical only and should not be used for specification purpose
TL22
TL42
TL43
TL62
TL70c
TL71
TL72
TL77
TL90
Color
Purple
Blue
Blue
Red
Green
Red
Red
Red
Green
Chemistry
Dimethacrylate
Viscosity
(cP)
800-
1,600 1
800-
1,600 1
10,000-
18,000 2
1,200-
2,400 3
400-
900 2
400-
900 3
4,000-
15,000 4
6,000-
8,000 4
10-30 5
Fixture
Time
(min)
20 a
(10-30)b
20 a
(10-30)b
20 a
(10-30)b
17 a
(10-30)b
13 a
(10-30)b
17 a
(10-30)b
20 a
(10-30)b
15 a
(10-30)b
25 a
(10-30)b
1 Brookfield Viscometer spindle #3 at 20 rpm;
2 Brookfield Viscometer spindle #3 at 2.5 rpm
3 Brookfield Viscometer spindle #2 at 20 rpm;
4 Brookfield Viscometer spindle #4 at 20 rpm
5 Brookfield Viscometer spindle #1 at 30 rpm;
a Average time;
b Range;
c Not available in North and South Americas



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com