Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL22 Datasheet(PDF) 3 Page - 3M Electronics

Part # TL22
Description  Scotch-WeldTM Threadlocker Anaerobic Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TL22 Datasheet(HTML) 3 Page - 3M Electronics

  TL22 Datasheet HTML 1Page - 3M Electronics TL22 Datasheet HTML 2Page - 3M Electronics TL22 Datasheet HTML 3Page - 3M Electronics TL22 Datasheet HTML 4Page - 3M Electronics TL22 Datasheet HTML 5Page - 3M Electronics TL22 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3MTM Scotch-WeldTM
Threadlocker Anaerobic Adhesives
TL22 • TL42 • TL43 • TL62 • TL70 • TL71 • TL72 • TL77 • TL90
Typical cured
Physical
Properties
Note: The following technical information and data should be considered
representative or typical only and should not be used for specification purpose
TL22
TL42
TL43
TL62
TL70
TL71
TL72
TL77
TL90
Color
Purple
Blue
Blue
Red
Green
Red
Red /
Orange
Red
Green
Strength
Low
Medium
Medium
High
High
High
High
High
Medium
Breakaway
Torque *
(in.lb)
30-100
95a
70-200
140a
70-200
130a
100-250
140a
150-355
210a
≥150
225a
150-350
190a
150-35
290a
20-150
95a
Prevailing
Torque *
(in.lb)
10-100
40a
20-200
100a
20-200
60a
100-300
220a
150-505
360a
≥204
345a
150-505
230a
150-500
345a
150-500
265a
Temperature
Range (oF)
-65 to
300
-65 to
300
-65 to
300
-65 to
300
-65 to
300
-65 to
400
-65 to
400
-65 to
300
-65 to
300
*Reference ISO 10964. 3/8” – 16 Steel bolt and matching nut.
a Average strength.
To convert to (N.m) divide (in.lb) by 8.851
1 in.lb = 0.0833 ft. lb
Hot Strength (measured at temperature)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com