Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LARA-R6401 Datasheet(PDF) 14 Page - u-blox AG

Part # LARA-R6401
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6401 Datasheet(HTML) 14 Page - u-blox AG

Back Button LARA-R6401 Datasheet HTML 10Page - u-blox AG LARA-R6401 Datasheet HTML 11Page - u-blox AG LARA-R6401 Datasheet HTML 12Page - u-blox AG LARA-R6401 Datasheet HTML 13Page - u-blox AG LARA-R6401 Datasheet HTML 14Page - u-blox AG LARA-R6401 Datasheet HTML 15Page - u-blox AG LARA-R6401 Datasheet HTML 16Page - u-blox AG LARA-R6401 Datasheet HTML 17Page - u-blox AG LARA-R6401 Datasheet HTML 18Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Interfaces
Page 14 of 41
C1-Public
2.5.1.1 Multiplexer protocol
LARA-R6 series modules include multiplexer functionality as per 3GPP TS 27.010 [9] on the main
primary UART physical interface. The multiplexer functionality is not supported on the secondary
auxiliary UART physical interface.
The multiplexer functionality is a data link protocol which uses HDLC-like framing and operates
between the module (DCE) and the application processor (DTE), allowing several simultaneous
sessions over the physical link (main primary UART): the user can concurrently use AT interface on
one MUX channel and data communication on another MUX channel.
The following virtual channels are available:
•
Multiplexer control
•
AT commands / data connection
•
GNSS data tunneling
2.5.2 USB interface
LARA-R6 series modules include a USB High-Speed 2.0 compliant interface with a maximum
480 Mbit/s data rate according to the Universal Serial Bus specification revision 2.0 [14]. The module
itself acts as a USB device and can be connected to any compatible USB host.
The USB interface is available for communication with a host application processor (AT commands,
data communication, GNSS tunneling, FW update by means of the FOAT feature), for FW update by
means of the u-blox EasyFlash tool and for diagnostics.
The USB_D+ / USB_D- lines carry the USB data and signaling. The USB interface is automatically
enabled by an external valid USB VBUS voltage applied on the VUSB_DET input pin of the module.
☞ The USB interface of the LARA-R6 series modules is enabled only if an external voltage detectable
as High logic level (see Table 25 for the electrical characteristics) is present at the VUSB_DET
input during the switch-on boot sequence of the module. This configuration can be changed by the
+UUSBDET AT command on all LARA-R6 series modules versions except LARA-R6001D-00B.
The USB interface makes several functions available with various capabilities and purposes, such as:
•
Virtual serial port over USB for AT commands and data communication
•
Virtual serial port over USB for GNSS tunneling
•
Virtual serial port over USB for Diagnostic log
The user can concurrently use AT command interface on one virtual serial port, and packet switched
/ circuit switched data communication on another virtual serial port over USB.
LARA-R6 series modules are compatible with the standard Linux/Android USB kernel drivers.
☞ It is highly recommended to provide access to the VUSB_DET, USB_D+, USB_D- pins for FW
update and for diagnostic purpose, by means of test points directly connected to the pins.
2.5.3 I2C interface
LARA-R6 series modules include an I2C-bus compatible interface (SDA and SCL pins) available to
communicate with an external u-blox GNSS chips / modules, and with external compatible I2C devices
as for example an audio codec: LARA-R6 series module acts as an I2C host which can communicate
with I2C local devices in accordance with the I2C bus specifications [15].
For more details regarding I2C interface usage and the integration with a u-blox GNSS receiver, see
the LARA-R6 series system integration manual [2], GNSS implementation application note [6], and
the I2C and GNSS AT commands description in the u-blox AT commands manual [1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com