Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LARA-R6401 Datasheet(PDF) 23 Page - u-blox AG

Part # LARA-R6401
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6401 Datasheet(HTML) 23 Page - u-blox AG

Back Button LARA-R6401 Datasheet HTML 19Page - u-blox AG LARA-R6401 Datasheet HTML 20Page - u-blox AG LARA-R6401 Datasheet HTML 21Page - u-blox AG LARA-R6401 Datasheet HTML 22Page - u-blox AG LARA-R6401 Datasheet HTML 23Page - u-blox AG LARA-R6401 Datasheet HTML 24Page - u-blox AG LARA-R6401 Datasheet HTML 25Page - u-blox AG LARA-R6401 Datasheet HTML 26Page - u-blox AG LARA-R6401 Datasheet HTML 27Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Electrical specifications
Page 23 of 41
C1-Public
4.2.4 Current consumption
Mode
Condition
Tx power
Min
Typ11 Max12 Unit
Power-off mode
Averaged current value
Module switched off
9
µA
Cyclic Idle/Active-Mode
(Low power mode enabled by +UPSV,
Module registered with network)
Averaged current value,
Idle mode floor current, USB not connected
0.9
mA
Averaged current value,
Idle mode floor current, USB suspended
1.2
mA
Averaged current value,
Cyclic eDRX = 655.36 s, USB not connected
1.1
mA
Averaged current value,
Cyclic eDRX = 655.36 s, USB suspended
1.4
mA
Averaged current value,
Cyclic eDRX = 20.48 s, USB not connected
1.6
mA
Averaged current value,
Cyclic eDRX = 20.48 s, USB suspended
1.9
mA
Averaged current value,
Cyclic DRX = 2.56 s, USB not connected
1.9
mA
Averaged current value,
Cyclic DRX = 2.56 s, USB suspended
2.2
mA
Active-Mode
(Low power mode disabled by +UPSV,
Module registered with network)
Averaged current value,
Cyclic DRX = 2.56 s, USB not connected
10.6
mA
Averaged current value,
Cyclic DRX = 2.56 s, USB in use
27.0
mA
2G Connected Mode
(Tx / Rx call enabled)
Peak value at 1-slot GMSK Tx burst,
900 MHz band
Maximum
1.5
1.9
A
Averaged value along 1-slot GMSK call,
900 MHz band
Minimum
50
mA
Maximum
200
mA
Averaged value along 1-slot GMSK call,
1800 MHz band
Minimum
50
mA
Maximum
150
mA
3G Connected Mode
(Tx / Rx call enabled)
Averaged value along 3G call
Minimum
200
mA
0 dBm
220
mA
12 dBm
300
mA
18 dBm
440
mA
Maximum
620
mA
LTE Connected Mode
(Tx / Rx call enabled)
Averaged value along LTE-FDD call
Minimum
250
mA
0 dBm
270
mA
12 dBm
320
mA
18 dBm
450
mA
Maximum
650
mA
Table 14: LARA-R6 series modules VCC current consumption
11 Typical values with a matched antenna
12 Maximum values with a mismatched antenna



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com