Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2421 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS2421
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2421 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS2421 Datasheet HTML 1Page - Advanced Power Technology MS2421 Datasheet HTML 2Page - Advanced Power Technology MS2421 Datasheet HTML 3Page - Advanced Power Technology MS2421 Datasheet HTML 4Page - Advanced Power Technology MS2421 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MS2421
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION:
DESCRIPTION:
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation
875
W
VCES
Collector-Emitter Voltage
65
V
VCBO
Collector-Base Voltage
65
V
VEBO
Emitter-Base Voltage
3.5
V
TJ
Junction Temperature
200
º C
IC
Device Current
22
A
TSTG
Storage Temperature
-65 to +200
º C
Thermal Data
Thermal Data
RTH(J-C)
Junction-case Thermal Resistance
0.20
°°C/W
Features
• DESIGNED FOR HIGH POWER PULSED IFF, DME, AND
TACAN APPLICATIONS
• 350 W (typ.) IFF 1030 – 1090 MHz
• 300 W (min.) DME 1025 – 1150 MHz
• 290 W (typ.) TACAN 960 – 1215 MHz
• 960 – 1215 MHz
• GOLD METALLIZATION
• P
OUT = 300W MINIMUM
• G
P = 6.3 dB MINIMUM
• INFINITE VSWR CAPABILITY @ RATED CONDITIONS
• EMITTER BALLASTED
• COMMON BASE
The MS2421 is a gold metallized silicon, NPN power transistor
designed for applications requiring high peak power and low duty
cycles such as IFF, DME, and TACAN. The MS2421 is designed
with internal input/output matching resulting in improved
broadband performance and low thermal resistance.
RF & MICROWAVE TRANSISTORS
AVIONICS APPLICATIONS


Similar Part No. - MS2421

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS2422 ADPOW-MS2422 Datasheet
216Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
ITT Industries
MS24256A16 ITT-MS24256A16 Datasheet
191Kb / 1P
MIL-C-26482 Series
MS24256A20 ITT-MS24256A20 Datasheet
191Kb / 1P
MIL-C-26482 Series
MS24256R16 ITT-MS24256R16 Datasheet
191Kb / 1P
MIL-C-26482 Series
MS24256R20 ITT-MS24256R20 Datasheet
191Kb / 1P
MIL-C-26482 Series
More results

Similar Description - MS2421

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com