Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2421 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS2421
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2421 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS2421 Datasheet HTML 1Page - Advanced Power Technology MS2421 Datasheet HTML 2Page - Advanced Power Technology MS2421 Datasheet HTML 3Page - Advanced Power Technology MS2421 Datasheet HTML 4Page - Advanced Power Technology MS2421 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MS2421
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 10 mA
IE = 0 mA
65
---
---
V
BVEBO
IE = 5.0 mA
IC = 0 mA
3.5
---
---
V
ICES
VCE = 50 V
---
---
25
mA
HFE
VCE = 5 V
IC= 500mA
10
---
200
mA
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f =1025 - 1150 MHz
PIN = 70W
VCE =50V
300
---
---
W
GP
f =1025 - 1150 MHz
PIN = 70W
VCE =50V
6.3
---
---
dB
ηη
C
f =1025 - 1150 MHz
PIN = 70W
VCE =50V
35
---
---
%
Conditions
Pulse Width = 10
µµs Duty Cycle = 1%
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
ZCL(
Ω)
Ω)
960 MHz
2.6 + j6.0
2.5 – j6.0
1090 MHz
7.4 + j4.4
2.4 – j6.2
1215 MHz
4.3 + j1.1
2.5 – j4.9
Pin = 70W
Vce = 50V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com