Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS3024 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS3024
Description  RF AND MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS3024 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS3024 Datasheet HTML 1Page - Advanced Power Technology MS3024 Datasheet HTML 2Page - Advanced Power Technology MS3024 Datasheet HTML 3Page - Advanced Power Technology MS3024 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MS3024
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25
°°C)
C)
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Units
BVCBO
IC = 1 mA
IE = 0 mA
45
V
BVEBO
IE = 1 mA
IC = 0 mA
3.5
V
BVCER
IC = 5 mA
RBE = 10
Ω
Ω
45
V
ICBO
VCB = 28V
2.5
mA
hFE
VCE = 5 V
IC = 500 mA
15
120
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Units
POUT
f = 2 GHz
PIN = 1 W
VCE = 28 V
5
6
W
çC *
f = 2 GHz
PIN = 1 W
VCE = 28 V
35
40
%
GP *
f = 2 GHz
PIN = 1 W
VCE = 28 V
7
7.8
dB
COB
f = 1 MHz
VCB = 28 V
10
PF
IMPEDANCE DATA
IMPEDANCE DATA
Freq.
ZIN (
Ω
Ω)
ZCL (
Ω
Ω)
1.0 GHz
3.0 = j 6.0
7.2 + j 6.0
1.5 GHz
3.5 + j 8.0
3.7 – j 0.2
1.7 GHz
4.0 + j 9.0
2.8 – j 2.3
2.0 GHz
4.8 + j 10.5
2.3 – j 4.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com