Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS3024 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS3024
Description  RF AND MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS3024 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS3024 Datasheet HTML 1Page - Advanced Power Technology MS3024 Datasheet HTML 2Page - Advanced Power Technology MS3024 Datasheet HTML 3Page - Advanced Power Technology MS3024 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MS3024
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION:
The MS3024 is a common base hermetically sealed silicon NPN
microwave transistor that utilizes a fishbone emitter ballasted
geometry with a refractory/gold metallization system. This device is
capable of withstanding an infinite load VSWR at any phase angle
under rated conditions. The MS3024 was designed for Class C
amplifier applications in the 1.0 – 2.0 GHz frequency range.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Value
Unit
VCC
Collector-Supply Voltage
35
V
IC
Device Current
1
A
PDISS
Power Dissipation
29
W
TJ
Junction Temperature
200
°°C
TSTG
Storage Temperature
–65 to +200
°°C
THERMAL DATA
RTH(j-c)
Junction-Case Thermal Resistance
6
°°C/W
Features
Features
• EMITTER BALLASTED
• INFINITE VSWR CAPABILITY AT RATED CONDITIONS
• REFRACTORY/GOLD METALLIZATION
• HERMETIC STRIPAC®® PACKAGE
• P
OUT = 5.0 W MIN. WITH 7.0 dB GAIN AT 2.0 GHz
RF AND MICROWAVE TRANSISTORS
GENERAL PURPOSE AMPLIFIER APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS3024

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MS302 ZSELEC-MS302 Datasheet
136Kb / 2P
3.0A SCHOTTKY BARRIER DIODE
logo
Microsemi Corporation
MS3022 MICROSEMI-MS3022 Datasheet
78Kb / 5P
1 Watts, 28 Volts Class-C, CW 1.0 to 2.0 GHz
logo
Advanced Power Technolo...
MS3023 ADPOW-MS3023 Datasheet
174Kb / 4P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
logo
Microsemi Corporation
MS3023 MICROSEMI-MS3023 Datasheet
116Kb / 6P
RF & Microwave Transistors General Purpose Amplifier Applications
More results

Similar Description - MS3024

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSC81002 STMICROELECTRONICS-MSC81002 Datasheet
101Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC81005 STMICROELECTRONICS-MSC81005 Datasheet
99Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC81118 STMICROELECTRONICS-MSC81118 Datasheet
102Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC82306 STMICROELECTRONICS-MSC82306 Datasheet
54Kb / 4P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC82307 STMICROELECTRONICS-MSC82307 Datasheet
51Kb / 3P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC83301 STMICROELECTRONICS-MSC83301 Datasheet
96Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
02-Sep-1994
logo
Advanced Power Technolo...
MS3302 ADPOW-MS3302 Datasheet
152Kb / 4P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
MSC4000 ADPOW-MSC4000 Datasheet
190Kb / 4P
RF AND MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
MSC4001 ADPOW-MSC4001 Datasheet
190Kb / 4P
RF AND MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
MSC4003 ADPOW-MSC4003 Datasheet
189Kb / 4P
RF AND MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com