Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP43776 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP43776
Description  DUAL-CHANNEL USB TYPE-C PD3.1/PPS/QC5 PROTOCOL DECODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43776 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP43776 Datasheet HTML 1Page - Diodes Incorporated AP43776 Datasheet HTML 2Page - Diodes Incorporated AP43776 Datasheet HTML 3Page - Diodes Incorporated AP43776 Datasheet HTML 4Page - Diodes Incorporated AP43776 Datasheet HTML 5Page - Diodes Incorporated AP43776 Datasheet HTML 6Page - Diodes Incorporated AP43776 Datasheet HTML 7Page - Diodes Incorporated AP43776 Datasheet HTML 8Page - Diodes Incorporated AP43776 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AP43776
Document number: DS43473 Rev. 5 - 2
3 of 12
www.diodes.com
September 2022
© Diodes Incorporated
AP43776
Typical Applications Circuit (continued)
An example of 120W Dual-port Type C PD3.1 PPS car charger is shown Figure 3. Powered by the VREG pin (internal 5V
Regulator output) for the attached DC-DC Controller, detecting Vin through GPIO1, the AP43776 could enter protection mode to
disable DC/DC stage by controlling the GPIO2 pin. All PD decoded information through CC1 and CC2 pin as well as measured
parameters of the operating coditions, the AP43776 conveys necessary actions, such as Constant Voltage output, Constant
Current output and protection functions through I2C interface. With built-in application firmware of the AP43776, VBUS MOS
switches are not needed, and GPIO pins are used to do battery detection, power sharing, temperature detection, LED indicator,
and so on.
Vreg
CC1A
GND
CC2A
RT
Vo
GND
TYPE-C
CC2
CC1
AP43776
CSG
LG2
BS2
SW2
UG2
ISENSP
ISENSN
VOUT
FB
VREG
ISNSO
INTB
F1
Vin
SW1
SW1
Vreg
D+
D-
VCC
VREG
VREG
VG
VREG
DC/DC
(I2C-Based)
CC1B
CC2B
Vreg
Vo
GND
TYPE-C
CC2
CC1
CSG
LG2
BS2
SW2
UG2
ISENSP
ISENSN
VOUT
FB
VREG
ISNSO
INTB
F1
Vin
SW1
SW1
Vreg
D+
D-
VREG
VREG
VG
VREG
GPIO2
GPIO7
To EN pin
To EN pin
GPIO8
GPIO2
GPIO5
GPIO6
GPIO1
GPIO1
GPIO1
DC/DC
(I2C-Based)
Figure 3. A 120W 2C PD3.1 PPS car charger design based on 2*DC/DC+1*AP43776



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com