Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP43776 Datasheet (PDF) - Diodes Incorporated

AP43776 Datasheet PDF - Diodes Incorporated
Part # AP43776
Download  AP43776 Download
File Size   846.95 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL-CHANNEL USB TYPE-C PD3.1/PPS/QC5 PROTOCOL DECODER

AP43776 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP43776 Datasheet PDF - Diodes Incorporated

Part # AP43776
Download  AP43776 Click to download

File Size   846.95 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL-CHANNEL USB TYPE-C PD3.1/PPS/QC5 PROTOCOL DECODER

AP43776 Datasheet (HTML) - Diodes Incorporated


AP43776 Product details

Features
- Dual-channel independent USB Type-C PD3.1/PPS decoder
- USB-IF PD3.1/PPS certificated TID: 6206
- Quick Charge™ QC5 certificated No.: QC20211008263
- Supports PD3.1/ full range of PPS VOUT (3.3V to 21V)
- Compliant with BC1.2 (DCP)
- Built-in MCU with 12KB OTP ROM for main application program with multi-time programmable ROM (MTP ROM) blocks for customization
- Built-in Built-in 16-CH 8b 83KHz SAR ADC for voltage and temperature measurement
- Supports e-Marker detection and VCONN switch with 15Ω internal Rds_on
- Supports cable-loss compensations
- Supports I2C communication and GPIO controls
- Multi-purpose I/Os to support different applications
- Supports short protection between CC1/CC2 and VBUS (Up to 24V)
- Supports short detection between DP and DN
- Supports over-temperature protection (OTP)
- Support output power de-rating for low battery and thermal
- W-QFN4040-20 (4x4, 0.5mm pitch) package
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control

Applications
- Multi-port USB PD3.1 PPS car chargers
- Multi-port USB PD3.1 PPS power sources




Similar Part No. - AP43776

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP43776Q DIODES-AP43776Q Datasheet
905Kb / 13P
AUTOMOTIVE-GRADE DUAL-CHANNEL USB TYPE-C PROTOCOL DECODER
Rev. 2 - 2 November 2022
AP43776QZDZW20-13 DIODES-AP43776QZDZW20-13 Datasheet
905Kb / 13P
AUTOMOTIVE-GRADE DUAL-CHANNEL USB TYPE-C PROTOCOL DECODER
Rev. 2 - 2 November 2022
More results


Similar Description - AP43776

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB544 TI1-TUSB544 Datasheet
2Mb / 60P
USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
TUSB1044 TI1-TUSB1044 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1044 TI1-TUSB1044_18 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
logo
STMicroelectronics
STEVAL-USBPD27S STMICROELECTRONICS-STEVAL-USBPD27S Datasheet
201Kb / 4P
Compact 27W USB Type-C??Power Delivery 3.0 with PPS adapter reference design
Rev 2 - November 2020
logo
NXP Semiconductors
PTN5100D NXP-PTN5100D Datasheet
931Kb / 37P
USB Type-C power delivery PHY and protocol IC
Rev. 1-2 August 2016
logo
Kinetic Technologies.
MCDP5200 KINETIC-MCDP5200 Datasheet
269Kb / 6P
USB Type-C / DP1.4a Alt-Mode to HDMI2.0b Protocol Converter With USB Retimer
logo
ON Semiconductor
FUSB15101 ONSEMI-FUSB15101 Datasheet
496Kb / 22P
Programmable USBType-C and Power Delivery 3.1 Source Controller with PPS Support
June, 2022 - Rev. 0
logo
Diodes Incorporated
AP43776Q DIODES-AP43776Q Datasheet
905Kb / 13P
AUTOMOTIVE-GRADE DUAL-CHANNEL USB TYPE-C PROTOCOL DECODER
Rev. 2 - 2 November 2022
logo
Coolgear Inc.
CG-PD60PPS COOLGEAR-CG-PD60PPS_V01 Datasheet
1Mb / 2P
Chargeit! Mini 75W Dual Port USB-A & USB-C PD Charger w/ PPS & QC4.0 Support
Rev 05.220908
CG-PDC65W-PCBA COOLGEAR-CG-PDC65W-PCBA Datasheet
96Kb / 2P
ChargeIT! 65 Watt USB Type C Charging Board w/ PPS Charging Support
Rev 05.220909
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com