Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP43776Q Datasheet (PDF) - Diodes Incorporated

AP43776Q Datasheet PDF - Diodes Incorporated
Part # AP43776Q
Download  AP43776Q Download
File Size   905.29 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE-GRADE DUAL-CHANNEL USB TYPE-C PROTOCOL DECODER

AP43776Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AP43776Q Datasheet PDF - Diodes Incorporated

Part # AP43776Q
Download  AP43776Q Click to download

File Size   905.29 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE-GRADE DUAL-CHANNEL USB TYPE-C PROTOCOL DECODER

AP43776Q Datasheet (HTML) - Diodes Incorporated


AP43776Q Product details

Features
- AEC-Q100 Qualified with the Following Results:
- Device Temperature Grade 1: -40°C to +125°C TA Range
- Device HBM ESD Classification Level H3A
- Device CDM ESD Classification Level C5
- Dual-channel independent USB Type-C PD3.1/PPS decoder
- USB-IF PD3.1/PPS certificated TID: 6206
- Quick Charge™ QC5 certificated No.: QC20211008263
- PD3.1/ full range of PPS VOUT (3.3V to 21V)
- Compliant with BC1.2 DCP mode for QC2.0/3.0/4/4+/5
- Type-C PD Display Port Alternative mode
- BC 1.2 CDP (Charging Downstream Port) mode for Charging Downstream device and allow data transfer
- Built-in ADC and multi-channel multiplexer for voltage and temperature measurement
- e-Marker detection and VCONN 30mA capability
- Cable-loss compensations
- I2C Interface and Interrupt
- Multi-purpose I/Os to support different applications
- CC1/CC2 to VBUS short protection up to 24V
- Moisture detection between DP and DN
- Thermal protection through external NTC
- Output power de-rating for low battery
- Built-in MCU with 12KB OTP ROM for main application program with multi-time-programmable ROM (MTP ROM) blocks for customization
- W-QFN4040-20(SWP) (4x4, 0.5mm pitch) package
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- The AP43776Q is suitable for automotive applications requiring specific change control; this part is AEC-Q100 qualified, PPAP capable, and manufactured in IATF 16949 certified facilities.

Applications
- In-vehicle multi-port USB PD3.1 charging systems




Similar Part No. - AP43776Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP43776 DIODES-AP43776 Datasheet
846Kb / 12P
DUAL-CHANNEL USB TYPE-C PD3.1/PPS/QC5 PROTOCOL DECODER
Rev. 5 - 2 September 2022
AP43776ZDZ20-13 DIODES-AP43776ZDZ20-13 Datasheet
846Kb / 12P
DUAL-CHANNEL USB TYPE-C PD3.1/PPS/QC5 PROTOCOL DECODER
Rev. 5 - 2 September 2022
More results


Similar Description - AP43776Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB544 TI1-TUSB544 Datasheet
2Mb / 60P
USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
TUSB1044 TI1-TUSB1044 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1044 TI1-TUSB1044_18 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
logo
Injoinic Technology Co....
IP2112 INJOINIC-IP2112 Datasheet
1Mb / 12P
Single/dual USB port charging protocol IC
logo
Shenzhen Huazhimei Semi...
HM261XX HMSEMI-HM261XX Datasheet
1Mb / 8P
Single/dual USB port charging protocol IC
logo
VITALCONN ELECTRONICS H...
UC41D3XLXXX VITALCONN-UC41D3XLXXX Datasheet
290Kb / 2P
TYPE C USB
logo
NXP Semiconductors
PTN5100D NXP-PTN5100D Datasheet
931Kb / 37P
USB Type-C power delivery PHY and protocol IC
Rev. 1-2 August 2016
logo
ON Semiconductor
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
logo
Kinetic Technologies.
MCDP5200 KINETIC-MCDP5200 Datasheet
269Kb / 6P
USB Type-C / DP1.4a Alt-Mode to HDMI2.0b Protocol Converter With USB Retimer
logo
Diodes Incorporated
AP43776 DIODES-AP43776 Datasheet
846Kb / 12P
DUAL-CHANNEL USB TYPE-C PD3.1/PPS/QC5 PROTOCOL DECODER
Rev. 5 - 2 September 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com