Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP43776Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP43776Q
Description  AUTOMOTIVE-GRADE DUAL-CHANNEL USB TYPE-C PROTOCOL DECODER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43776Q Datasheet(HTML) 3 Page - Diodes Incorporated

  AP43776Q Datasheet HTML 1Page - Diodes Incorporated AP43776Q Datasheet HTML 2Page - Diodes Incorporated AP43776Q Datasheet HTML 3Page - Diodes Incorporated AP43776Q Datasheet HTML 4Page - Diodes Incorporated AP43776Q Datasheet HTML 5Page - Diodes Incorporated AP43776Q Datasheet HTML 6Page - Diodes Incorporated AP43776Q Datasheet HTML 7Page - Diodes Incorporated AP43776Q Datasheet HTML 8Page - Diodes Incorporated AP43776Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AP43776Q
Document number: DS43207 Rev. 2 - 2
3 of 13
www.diodes.com
November 2022
© Diodes Incorporated
AP43776Q
Typical Applications Circuit (continued)
An example of the 120W Dual-port Type C PD3.1 PPS car charger is shown in Figure 3. Powered by the VREG pin (internal 5V regulator output)
for the attached DC-DC controller and detecting the Vin through GPIO1, the AP43776Q may enter standby mode to disable DC/DC stage by
controlling the GPIO2 pin. All PD decoded information and measured parameters of the operating conditions are processed through the CC1 and
CC2 pins. The AP43776Q conveys necessary actions, such as constant voltage output, constant current output, and protection functions through
the I2C interface. With built-in application firmware, VBUS MOS switches are not needed, and GPIO pins are used for battery detection, power
sharing, temperature detection, LED indicators, and so on.
Vreg
CC1A
GND
CC2A
RT
Vo
GND
TYPE-C
CC2
CC1
AP43776Q
CSG
LG2
BS2
SW2
UG2
ISENSP
ISENSN
VOUT
FB
VREG
ISNSO
INTB
F1
Vin
SW1
SW1
Vreg
D+
D-
VCC
VREG
VREG
VG
VREG
DC/DC
(I2C-Based)
CC1B
CC2B
Vreg
Vo
GND
TYPE-C
CC2
CC1
CSG
LG2
BS2
SW2
UG2
ISENSP
ISENSN
VOUT
FB
VREG
ISNSO
INTB
F1
Vin
SW1
SW1
Vreg
D+
D-
VREG
VREG
VG
VREG
GPIO2
GPIO7
To EN pin
To EN pin
GPIO8
GPIO2
GPIO5
GPIO6
GPIO1
GPIO1
GPIO1
DC/DC
(I2C-Based)
Figure 3. A 120W 2C PD3.1 PPS car charger design based on 2*DC/DC+1*AP43776Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com