Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B360AX Datasheet(PDF) 3 Page - Diodes Incorporated

Part # B360AX
Description  3A TRENCH SCHOTTKY BARRIER RECTIFIER SMA
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B360AX Datasheet(HTML) 3 Page - Diodes Incorporated

  B360AX Datasheet HTML 1Page - Diodes Incorporated B360AX Datasheet HTML 2Page - Diodes Incorporated B360AX Datasheet HTML 3Page - Diodes Incorporated B360AX Datasheet HTML 4Page - Diodes Incorporated B360AX Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
B360AX
Document number: DS44393 Rev. 2 - 2
3 of 5
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
B360AX
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
FORWARD VOLTAGE (V)
Figure 1. Typical Forward Characteristics
T
J = -55
oC
T
J = 25
oC
T
J = 85
oC
T
J = 125
oC
T
J = 150
oC
T
J = 100
oC
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
0
10
20
30
40
50
60
V
R, RATED REVERSE VOLTAGE (V)
Figure 2. Typical Reverse Characteristics
T
J = -55
oC
T
J = 25
oC
T
J = 85
oC
T
J = 125
oC
T
J = 150
oC
T
J = 100
oC
10
100
1000
10000
0
10
20
30
40
50
60
REVERSE VOLTAGE (V)
Figure 3. Total Capacitance vs. Reverse Voltage
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
25
50
75
100
125
150
175
T
C, CASE TEMPERATURE (℃)
Figure 4. DC Forward Current Derating



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com