Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B360AX Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B360AX
Description  3A TRENCH SCHOTTKY BARRIER RECTIFIER SMA
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B360AX Datasheet(HTML) 1 Page - Diodes Incorporated

  B360AX Datasheet HTML 1Page - Diodes Incorporated B360AX Datasheet HTML 2Page - Diodes Incorporated B360AX Datasheet HTML 3Page - Diodes Incorporated B360AX Datasheet HTML 4Page - Diodes Incorporated B360AX Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
B360AX
Document number: DS44393 Rev. 2 - 2
1 of 5
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
B360AX
3A
TRENCH SCHOTTKY BARRIER RECTIFIER
SMA
Product Summary (@ TA = +25°C)
VRRM (V)
IO (A)
VF(MAX) (V)
IR(MAX) (mA)
60
3
0.58
0.5
Applications
For use in low-voltage, high-frequency inverters, freewheeling, DC-
DC converters, and polarity applications.
SMPS
AC-DC
DC-DC converters
Freewheeling diodes
Reverse polarity protections
Blocking diodes
Features and Benefits
Low Leakage Current
Soft, Fast Switching Capability
+150°C Operating Junction Temperature
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200,
PPAP capable, and manufactured in IATF 16949 certified
facilities), please contact us or your local Diodes
representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Package: SMA
Package Material:
Molded Plastic, “Green” Molding
Compound. UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
Polarity Indicator: Cathode Band
Weight: 0.064 grams (Approximate)
Ordering Information (Note 4)
Part Number
Package
Packing
Qty.
Carrier
B360AX-13
SMA
5,000
Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information (Note 5)
Note:
5. Device has a cathode band (as shown) and may also have a cathode notch.
Green
B360AX = Product Type Marking Code
= Manufacturer’s Code Marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 2 = 2022)
WW = Week Code (01 to 52)
XX = Foundry and Assembly Site
Top View
Bottom View
SMA


Similar Part No. - B360AX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B360A DIODES-B360A Datasheet
58Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13005 Rev. G-2
logo
Weitron Technology
B360A WEITRON-B360A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B360A DIODES-B360A Datasheet
484Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30891 Rev. 2 - 2
logo
Vishay Siliconix
B360A VISHAY-B360A Datasheet
102Kb / 4P
Surface Mount Schottky Barrier Rectifier
19-May-08
logo
Compact Technology Corp...
B360A CTC-B360A Datasheet
55Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - B360AX

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
C34AG CITC-C34AG Datasheet
504Kb / 4P
3A Trench Schottky Rectifier
logo
Diodes Incorporated
B240AX DIODES-B240AX Datasheet
637Kb / 5P
2A TRENCH SCHOTTKY BARRIER RECTIFIER SMA
March 2022 Rev. 2 - 2
B340AX DIODES-B340AX Datasheet
587Kb / 5P
3A TRENCH SCHOTTKY BARRIER RECTIFIER SMA
April 2021 Rev. 2 - 2
B340AXF DIODES-B340AXF Datasheet
608Kb / 5P
3A TRENCH SCHOTTKY BARRIER RECTIFIER SMAF
July 2021 Rev. 2 - 2
B340AXS DIODES-B340AXS Datasheet
452Kb / 5P
3A TRENCH SCHOTTKY BARRIER RECTIFIER SMA-FS
March 2021 Rev. 2 - 2
SDT3A40SAFS DIODES-SDT3A40SAFS Datasheet
436Kb / 5P
3A TRENCH SCHOTTKY BARRIER RECTIFIER SMA-FS
March 2021 Rev. 3 - 2
SDT3A45SA DIODES-SDT3A45SA Datasheet
498Kb / 5P
3A TRENCH SCHOTTKY BARRIER RECTIFIER SMA
May 2017 Rev. 2 - 2
SDT3A45SAF DIODES-SDT3A45SAF Datasheet
445Kb / 5P
3A TRENCH SCHOTTKY BARRIER RECTIFIER SMAF
December 2019 Rev. 3 - 2
SDT5A50SA DIODES-SDT5A50SA Datasheet
380Kb / 5P
5A TRENCH SCHOTTKY BARRIER RECTIFIER SMA
September 2018
SDT5A60SA DIODES-SDT5A60SA Datasheet
421Kb / 5P
5.0A TRENCH SCHOTTKY BARRIER RECTIFIER SMA
July 2020 Rev. 4 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com