Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

400DABBA0 Datasheet(PDF) 42 Page - ON Semiconductor

Part # 400DABBA0
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

400DABBA0 Datasheet(HTML) 42 Page - ON Semiconductor

Back Button 400DABBA0 Datasheet HTML 38Page - ON Semiconductor 400DABBA0 Datasheet HTML 39Page - ON Semiconductor 400DABBA0 Datasheet HTML 40Page - ON Semiconductor 400DABBA0 Datasheet HTML 41Page - ON Semiconductor 400DABBA0 Datasheet HTML 42Page - ON Semiconductor 400DABBA0 Datasheet HTML 43Page - ON Semiconductor 400DABBA0 Datasheet HTML 44Page - ON Semiconductor 400DABBA0 Datasheet HTML 45Page - ON Semiconductor 400DABBA0 Datasheet HTML 46Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
NCP12400
www.onsemi.com
42
FAULT Input
Figure 74. OVP/OTP Detection Schematic
The FAULT input pin is dedicated to the latch−off
function: it includes 2 levels of detection that define a
working window, between a high latch and a low latch:
within these 2 thresholds, the controller is allowed to run, but
as soon as either the low or the high threshold is crossed, the
controller is latched off. The controller can be released from
the latch mode by the autorecovery, but it depends on the
version of the product. The lower threshold is intended to be
used with an NTC thermistor, thanks to an internal current
source INTC.
An active clamp prevents the voltage from reaching the
high threshold if it is only pulled up by the INTC current. To
reach the high threshold, the pull−up current has to be higher
than the pull−down capability of the clamp (typically
1.5 mA at VOVP).
To avoid any false triggering, spikes shorter than 50
ms
(for the high latch and 65 kHz version) or 350
ms (for the low
latch) are blanked and only longer signals can actually latch
the controller.
Reset occurs when a brown−out condition is detected or
the VCC is cycled down to a reset voltage, which in a real
application can only happen if the power supply is
unplugged from the ac line.
Upon startup, the internal references take some time
before being at their nominal values; so one of the
comparators could toggle even if it should not. Therefore the
internal logic does not take the latch signal into account
before the controller is ready to start: once VCC reaches
VCC(on), the latch pin High latch state is taken into account
and the DRV switching starts only if it is allowed; whereas
the Low latch (typically sensing an over temperature) is
taken into account only after the soft−start is finished. In
addition, the NTC current is doubled to INTC(SSTART) during
the soft−start period, to speed up the charging of the FAULT
pin capacitor The maximum value of FAULT pin capacitor
is given by the following formula (The standard start−up
condition is considered and the NTC current is neglected):
CFAULT max +
tSSTART min @ INTC(SSTART) min
VOTP max
+
3.2 @ 10−3 @ 60 @ 10−6
0.420
F + 457 nF
(eq. 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com