Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

400DABBA0 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 400DABBA0
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

400DABBA0 Datasheet(HTML) 3 Page - ON Semiconductor

  400DABBA0 Datasheet HTML 1Page - ON Semiconductor 400DABBA0 Datasheet HTML 2Page - ON Semiconductor 400DABBA0 Datasheet HTML 3Page - ON Semiconductor 400DABBA0 Datasheet HTML 4Page - ON Semiconductor 400DABBA0 Datasheet HTML 5Page - ON Semiconductor 400DABBA0 Datasheet HTML 6Page - ON Semiconductor 400DABBA0 Datasheet HTML 7Page - ON Semiconductor 400DABBA0 Datasheet HTML 8Page - ON Semiconductor 400DABBA0 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
NCP12400
www.onsemi.com
3
Table 2. SPECIFIC DEVICE CODE KEY
400
V
W
X
Y
Z
f
Part
BO
OCP Fault
Frozen Current
Setpoint
Quiet Skip
Soft Start
Frequency
A − 229−211 V
B − 111−103 V
C − 95−93 V
D − No BO
E − Brown In, no BO
A − Latched
B − Autorecovery
A −No
B − 150 mV
C − 170 mV
D − 190 mV
E − 210 mV
F − 230 mV
G − 250 mV
H − 300 mV
A − No, min. 3
pulses
B − Yes, min. 3
pulses,
800 Hz burst
A − 10 ms
B − 4 ms
0 − 65 kHz
1 − 100 kHz
2 − 65 → 100 kHz
Table 3. PIN FUNCTION DESCRIPTION
Pin #
Pin Name
Function
Pin Description
1
FAULT
FAULT Input
Pull the pin up or down to stop the controller. An internal current source allows the
direct connection of an NTC for over temperature detection. Device can restart in
autorecovery mode or can be latched depending on the option.
2
FB
Feedback + Shutdown
Pin
An optocoupler connected to ground controls the output regulation. The part goes to
the low consumption Off mode if the FB input pin is pulled to GND.
3
CS
Current Sense
This input senses the primary current for current−mode operation, and offers an
overpower compensation adjustment. This pin implements over voltage protection
as well.
4
GND
The controller ground.
5
DRV
Drive Output
Drives external MOSFET.
6
VCC
VCC Input
This supply pin accepts up to 28 Vdc, with overvoltage detection. The pin is
connected to an external auxiliary voltage.
8
HV
High−Voltage Pin
Connects to the rectified ac line to perform the functions of start−up current source,
Self−Supply, brown−out detection and X2 capacitor discharge function and the HV
sensing for the overpower protection purposes.
It is not allowed to connect this pin to a dc voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com