Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM24 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MM24
Description  Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified and Commercial Microminiature Rectangular
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MM24 Datasheet(HTML) 2 Page - Vishay Siliconix

  MM24 Datasheet HTML 1Page - Vishay Siliconix MM24 Datasheet HTML 2Page - Vishay Siliconix MM24 Datasheet HTML 3Page - Vishay Siliconix MM24 Datasheet HTML 4Page - Vishay Siliconix MM24 Datasheet HTML 5Page - Vishay Siliconix MM24 Datasheet HTML 6Page - Vishay Siliconix MM24 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MM22, MM24
www.vishay.com
Vishay Dale
Revision: 24-Feb-14
2
Document Number: 36008
For technical questions, contact: connectors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches [millimeters]
HARDWARE
TYPE
E DIAMETER
F DIAMETER
026
0.078
[1.98]
0.125
[3.17]
026L
0.078
[1.98]
0.125
[3.17]
027
0.078
[1.98]
0.125
[3.17]
027L
0.078
[1.98]
0.125
[3.17]
MMS
With Fixed (026, 027) Guides
0.520
[13.21]
0.230 [5.84]
2-56 UNC-2A
Thread Typ.
0.030 [0.762]
Wide
x
0.040 [1.02]
Deep
Slot Typ.
0.110 [2.79]
0.140 [3.56]
F Dia.
0.034 [0.864] Dia.
Solder Cup
#22 or #24
AWG Max.
MMP
With Fixed (026, 027) Guides
0.140
[3.56]
“A”
End of
Connector
0.230 [5.84]
E Dia.
0.490
[12.45]
0.140
[3.56]
MMS
With Fixed (026L, 027L)
Guides
0.040
[1.02]
Typ.
0.620
[15.75]
0.230
[5.84]
0.140
[3.56]
0.110 [2.79]
0.034
[0.864]
Dia.
Solder Cup
#22 or #24
AWG Max.
0.030
[0.762]
Typ.
MMP
With Fixed (026L, 027L)
Guides
2-56 UNC-2A
Typ.
0.590
[14.99]
0.250
[6.35]
“A”
End of
Connector
Short Turnable
Screwlocks (SK030)
0.500
[12.70]
0.160 [4.06]
0.540
[13.72]
0.030 [0.762]
Wide
x
0.040 [1.02]
Deep
Typ.
0.110
[2.79]
0.140
[3.56]
0.124
[3.15]
Dia.
Turnable
Screwlocks (SK)
0.110 [2.79]
0.950
[24.13]
0.910
[23.11]
0.046 [1.17] Wide x
0.062 [1.57] Deep
Typ.
0.187
[4.75]
Dia.
Fixed
Screwlocks (SL)
0.140
[3.56]
0.490
[12.45]
0.520
[13.21]
Fixed
Screwlocks (SLL)
0.034 [0.864]
Dia.
Solder Cup
#22 or #24
AWG Max.
0.140
[3.56]
0.230
[5.84]
0.110
[2.79]
0.620
[15.75]
0.590
0.250
[6.35]
[14.99]
Fixed Screwlocks
And Nylon Retaining Nut
And Fiber Washer (NSL)
0.620
[15.75]
0.590
[14.99]
Short Turnable
Screwlocks (SK2035)
0.580
[14.73]
0.140
[3.56]
0.110
[2.79]
0.610
[15.49]
0.240 [6.10]
Typ.
0.093
[2.36]
Hex Socket
0.090 [2.29]
Deep Typ.
0.180
[4.57]
Dia.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com