Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM24 Datasheet (PDF) - Vishay Siliconix

MM24 Datasheet PDF - Vishay Siliconix
Part # MM24
Download  MM24 Download
File Size   174.25 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified and Commercial Microminiature Rectangular

MM24 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM24 Datasheet PDF - Vishay Siliconix

Part # MM24
Download  MM24 Click to download

File Size   174.25 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified and Commercial Microminiature Rectangular

MM24 Datasheet (HTML) - Vishay Siliconix


MM24 Product details

FEATURES
• Qualified to MIL-C-28748/7/8
• Solder cup contacts
• Dip solder contacts
• Fixed and turnable screwlocks
• Optional closed entry socket contacts

APPLICATIONS
Especially suited for use in airborne, instrumentation and
portable equipment applications or wherever the following
requirements must be met: Minimum space and weight
without sacrifice of performance, high quality materials, long
service life, high vibration and shock resistance and positive
locking.

ELECTRICAL SPECIFICATIONS
Current Rating: Model MM22 = 5 A
Model MM24 = 3 A
Breakdown Voltage: At sea level: 2000 VRMS
At 70 000 feet: 500 VRMS

MATERIAL SPECIFICATIONS
Contact Pin: Phosphor bronze
Contact Socket: Phosphor bronze (Beryllium copper
available on request)
Contact Plating: Gold
Screwlocks: Stainless steel, passivated
Guides: Brass, gold plated or stainless steel, passivated
Standard Body: Glass-filled diallyl phthalate per MIL-M-14,
Model SDG-F, green




Similar Part No. - MM24

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MM24 VISHAY-MM24 Datasheet
209Kb / 6P
Rack and Panel Connectors
22-Aug-00
MM24 VISHAY-MM24 Datasheet
261Kb / 8P
Rack and Panel Connectors
15-Feb-07
logo
STMicroelectronics
MM24128-BBN5T STMICROELECTRONICS-MM24128-BBN5T Datasheet
135Kb / 17P
256/128 Kbit Serial I²C Bus EEPROM Without Chip Enable Lines
01-Jun-2001
MM24128-BBN6T STMICROELECTRONICS-MM24128-BBN6T Datasheet
135Kb / 17P
256/128 Kbit Serial I²C Bus EEPROM Without Chip Enable Lines
01-Jun-2001
MM24128-BMN5T STMICROELECTRONICS-MM24128-BMN5T Datasheet
135Kb / 17P
256/128 Kbit Serial I²C Bus EEPROM Without Chip Enable Lines
01-Jun-2001
More results


Similar Description - MM24

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IMS-5 VISHAY-IMS-5 Datasheet
79Kb / 2P
Military, MIL-PRF-15305 Qualified, Type LT and Commercial, Molded, Shielded
18-Oct-04
SM20 VISHAY-SM20 Datasheet
216Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
15-Feb-07
logo
IRC - a TT electronics ...
1900 IRCTT-1900 Datasheet
489Kb / 3P
TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
4700 IRCTT-4700 Datasheet
312Kb / 4P
TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
M8340101M1001JA IRCTT-M8340101M1001JA Datasheet
489Kb / 3P
TaNFilm Precision DIP Network Commercial and MIL Qualified
logo
Vishay Siliconix
SM20 VISHAY-SM20_09 Datasheet
850Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
05-May-09
logo
TT Electronics.
4700 TTELEC-4700_17 Datasheet
515Kb / 4P
Commercial and MIL Qualified
logo
Vishay Siliconix
MILC28748 VISHAY-MILC28748 Datasheet
102Kb / 5P
Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified Microminiature Rectangular
18-Jul-17
SM20 VISHAY-SM20_V01 Datasheet
856Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
05-May-09
MIL-C-28748 VISHAY-MIL-C-28748 Datasheet
101Kb / 5P
Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified Microminiature Rectangular
18-Jul-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com