Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCLE101E3...SB0 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # NTCLE101E3...SB0
Description  NTC Thermistors, Radial Leaded Special Accuracy
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE101E3...SB0 Datasheet(HTML) 1 Page - Vishay Siliconix

  NTCLE101E3...SB0 Datasheet HTML 1Page - Vishay Siliconix NTCLE101E3...SB0 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTCLE101E3...SB0
www.vishay.com
Vishay BCcomponents
Revision: 18-Sep-2020
1
Document Number: 29046
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTC Thermistors, Radial Leaded Special Accuracy
LINKS TO ADDITIONAL RESOURCES
Note
(1) Response time in silicone oil MS 200/50. This is the time needed
for the sensor to reach 63.2 % of the total temperature
difference when subjected to a temperature change from 25 °C
in air to 85 °C in oil
FEATURES
• Excellent accuracy between 25 °C and 85 °C
• High stability over a long life
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
• Temperature measurement, sensing, and control
DESCRIPTION
These thermistors have a NTC chip soldered between two
tin-plated copper leads. It has a gray lacquered body but is
not insulated. These thermistors have an accuracy of
± 0.5 °C over a trajectory from 25 °C to 85 °C.
PACKAGING
The thermistors are packed in cardboard boxes, each box
contains 500 units.
MARKING
Grey lacquered body.
MOUNTING
Important mounting and handling instructions: see
www.vishay.com/doc?29222
By soldering in any position. Not intended for potted
applications.
DESIGN-IN SUPPORT
For complete curve computation, please visit:
www.vishay.com/thermistors/ntc-curve-list/.
TEMPERATURE ACCURACY GRAPH
DIMENSIONS in millimeters
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value at 25 °C
4.7K to 100K
Tolerance on R25-value
± 2.19 to ± 2.29
%
B25/85-value
3977 to 4190
K
Tolerance on B25/85-value
± 0.75; ± 1.5
%
Operating temperature range
at zero dissipation
-40 to +125
°C
Accuracy for T measured
between 25 °C and 85 °C
± 0.5
°C
Maximum power dissipation
at 55 °C
250
mW
Dissipation factor

(for information only)
7mW/K
Response time
(for information only) (1)
1.2
s
Thermal time constant
 
(for information only)
11
s
Weight
 0.22
g
Related
Documents
ELECTRICAL DATA AND ORDERING INFORMATION
R25
(
)
R25-TOL.
(± %)
B25/85
(K)
B25/85-TOL.
(± %)
DESCRIPTION
SAP MATERIAL AND
ORDERING NUMBER
4700
2.19
3977
0.75
NTC copper 0.6 lead 4.7K special tol. bulk e3
NTCLE101E3472SB0
10 000
2.19
3977
0.75
NTC copper 0.6 lead 10K special tol. bulk e3
NTCLE101E3103SB0
47 000
2.23
4090
1.5
NTC copper 0.6 lead 47K special tol. bulk e3
NTCLE101E3473SB0
100 000
2.29
4190
1.5
NTC copper 0.6 lead 100K special tol. bulk e3
NTCLE101E3104SB0
T
(K)
1.0
-0.5
-1.0
0.5
0
-40
-25
0
25
40
60
85
110 125
T (°C)
2.54
17
min.
3
max.
Ø 0.6
3.3 ± 0.5
5
max.
2 ± 1


Similar Part No. - NTCLE101E3...SB0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE101E3 VISHAY-NTCLE101E3 Datasheet
79Kb / 2P
NTC Thermistors, Radial Leaded Special Accuracy
18-Sep-2020
NTCLE101E3103SB0 VISHAY-NTCLE101E3103SB0 Datasheet
79Kb / 2P
NTC Thermistors, Radial Leaded Special Accuracy
18-Sep-2020
NTCLE101E3104SB0 VISHAY-NTCLE101E3104SB0 Datasheet
89Kb / 5P
NTC Thermistors, Radial Leaded Special Accuracy
06-Jul-11
NTCLE101E3104SB0 VISHAY-NTCLE101E3104SB0 Datasheet
79Kb / 2P
NTC Thermistors, Radial Leaded Special Accuracy
18-Sep-2020
NTCLE101E3472SB0 VISHAY-NTCLE101E3472SB0 Datasheet
79Kb / 2P
NTC Thermistors, Radial Leaded Special Accuracy
18-Sep-2020
More results

Similar Description - NTCLE101E3...SB0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
232264010472 VISHAY-232264010472 Datasheet
56Kb / 4P
NTC Thermistors, Special Accuracy
10-Oct-03
NTCLE100E3 VISHAY-NTCLE100E3 Datasheet
100Kb / 5P
NTC Thermistors, Special Accuracy
14-Sep-06
NTCLE203E3104FB0 VISHAY-NTCLE203E3104FB0 Datasheet
102Kb / 9P
NTC Thermistors, Radial Leaded, Accuracy Line
16-Sep-11
NTCLE101E3104SB0 VISHAY-NTCLE101E3104SB0 Datasheet
89Kb / 5P
NTC Thermistors, Radial Leaded Special Accuracy
06-Jul-11
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
NTC Thermistors, Radial Leaded, Accuracy Line
18-May-11
NTCLE100E3153JB0 VISHAY-NTCLE100E3153JB0 Datasheet
196Kb / 17P
NTC Thermistors, Radial Leaded, Standard Precision
24-Aug-12
NTCLE101E3SB0 VISHAY-NTCLE101E3SB0 Datasheet
92Kb / 5P
NTC Thermistors, Radial Leaded Special Accuracy
06-Jul-11
NTCLE203E3 VISHAY-NTCLE203E3_17 Datasheet
84Kb / 3P
NTC Thermistors, Radial Leaded, Accuracy Line
26-Jun-17
NTCLE101E3 VISHAY-NTCLE101E3_V01 Datasheet
79Kb / 2P
NTC Thermistors, Radial Leaded Special Accuracy
18-Sep-2020
NTCLE203E3 VISHAY-NTCLE203E3_V01 Datasheet
105Kb / 3P
NTC Thermistors, Radial Leaded, Accuracy Line
18-Sep-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com