Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCLE203E3...SB0 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # NTCLE203E3...SB0
Description  NTC Thermistors, 2-Point Radial Leaded, Automotive Grades
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE203E3...SB0 Datasheet(HTML) 6 Page - Vishay Siliconix

  NTCLE203E3...SB0 Datasheet HTML 1Page - Vishay Siliconix NTCLE203E3...SB0 Datasheet HTML 2Page - Vishay Siliconix NTCLE203E3...SB0 Datasheet HTML 3Page - Vishay Siliconix NTCLE203E3...SB0 Datasheet HTML 4Page - Vishay Siliconix NTCLE203E3...SB0 Datasheet HTML 5Page - Vishay Siliconix NTCLE203E3...SB0 Datasheet HTML 6Page - Vishay Siliconix NTCLE203E3...SB0 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NTCLE203E3...SB0
www.vishay.com
Vishay BCcomponents
Revision: 18-Sep-2020
6
Document Number: 29118
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Valid for NTCLE203E3103SB0
RELIABILITY DATA BASED ON AEC-Q200 COMPLIANCE
TEST DENOMINATION
METHOD
R
25/R25 max.
(1)
High temperature storage
MIL-STD-202 method 108
± 1 %
Thermal cycling
JESD22 method JA-104
± 2 %
Operational life
MIL-STD-202 method 108
± 1 %
Soldering heat
MIL-STD-202 method 204
± 3 %
Moisture resistance
MIL-STD-202 method 106
± 1 %
Vibration
MIL-STD-202 method 204
± 1 %
Biased humidity (85 °C, 85 % RH)
MIL-STD-202 method 108
± 2 %
Thermal shock
MIL-STD-202 method 107
± 2 %
Mechanical shocks
MIL-STD-202-213
± 1 %



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com