Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCLE203E3...SB0 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # NTCLE203E3...SB0
Description  NTC Thermistors, 2-Point Radial Leaded, Automotive Grades
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE203E3...SB0 Datasheet(HTML) 1 Page - Vishay Siliconix

  NTCLE203E3...SB0 Datasheet HTML 1Page - Vishay Siliconix NTCLE203E3...SB0 Datasheet HTML 2Page - Vishay Siliconix NTCLE203E3...SB0 Datasheet HTML 3Page - Vishay Siliconix NTCLE203E3...SB0 Datasheet HTML 4Page - Vishay Siliconix NTCLE203E3...SB0 Datasheet HTML 5Page - Vishay Siliconix NTCLE203E3...SB0 Datasheet HTML 6Page - Vishay Siliconix NTCLE203E3...SB0 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NTCLE203E3...SB0
www.vishay.com
Vishay BCcomponents
Revision: 18-Sep-2020
1
Document Number: 29118
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTC Thermistors, 2-Point Radial Leaded, Automotive Grade
LINKS TO ADDITIONAL RESOURCES
AGENCY APPROVALS
• cUL certificate
• ULus certificate
Note
• Agency approval documents, please see:
www.vishay.com/ppg?29118&documents
FEATURES
• High accuracy over a wide temperature range
• High stability over a long life
• Exceptional
thermal
shock
withstanding
performance
• AEC-Q200 qualified
• Mounting: radial
• Fulfills the ELV 2000/53/EC
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Temperature
measurement,
sensing
and
control,
temperature compensation in Automotive and Industrial
applications
• Applications as EGR, ECT, IAT, and TMAP sensors
DESCRIPTION
These thermistors consist of a NTC ceramic chip with two
solid tin plated nickel leads. The thermistor body is coated
with a blue insulating lacquer.
PACKAGING
The thermistors are packed in bulk (quantity = 500 pieces).
Tape and reel available on request.
DESIGN-IN SUPPORT
For
complete
curve
computation,
please
visit:
www.vishay.com/thermistors/ntc-curve-list/.
MOUNTING
Important mounting and handling instructions: see
www.vishay.com/doc?29222
By soldering or welding in any position. The thermistors are
fully suitable to be potted in epoxy or silicon resins.
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value at 25 °C
2.06K to 30K
Tolerance on R25-value
± 1.93 to ± 2.20
%
B25/85-value
3528 to 4090
K
Tolerance on B25/85-value
± 0.5 to ± 0.75
%
Operating temperature range
-55 to +150
°C
Temperature accuracy between 25 °C
and 85 °C
± 0.5
°C
Maximum dissipation
100
mW
Response time (in stirred air)
7
s
Min. dielectric withstanding voltage
between terminals and body
500
VRMS
Weight
0.1
g
Design Tools
Models
Related
Documents
ELECTRICAL DATA AND ORDERING INFORMATION
R25
(
)
R25-TOL.
(± %)
B25/85
(K)
B25/85-TOL.
(± %)
UL
RECOGNIZED
(Y / N)
SAP MATERIAL AND
ORDERING NUMBER
2060
1.93
3528
0.50
N
NTCLE203E3202SB0
2252
2.20
3984
0.50
N
NTCLE203E3222SB0
2780
2.20
4090
0.75
N
NTCLE203E3272SB0
3000
2.20
3984
0.50
N
NTCLE203E3302SB0
5000
2.20
3984
0.50
N
NTCLE203E3502SB0
10 000
2.20
3984
0.50
Y
NTCLE203E3103SB0
30 000
2.20
3935
0.75
N
NTCLE203E3303SB0


Similar Part No. - NTCLE203E3...SB0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE203E3 VISHAY-NTCLE203E3 Datasheet
102Kb / 9P
NTC Thermistors, Radial Leaded, Accuracy Line
16-Sep-11
NTCLE203E3 VISHAY-NTCLE203E3 Datasheet
107Kb / 9P
NTC Thermistors, Radial Leaded, Accuracy Line
18-May-11
NTCLE203E3 VISHAY-NTCLE203E3 Datasheet
84Kb / 3P
NTC Thermistors, Radial Leaded, Accuracy Line
26-Jun-17
NTCLE203E3 VISHAY-NTCLE203E3 Datasheet
105Kb / 3P
NTC Thermistors, Radial Leaded, Accuracy Line
18-Sep-2020
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
NTC Thermistors, Radial Leaded, Accuracy Line
18-May-11
More results

Similar Description - NTCLE203E3...SB0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
01C1002FP VISHAY-01C1002FP Datasheet
101Kb / 5P
NTC Thermistors, Radial Leaded and Coated
12-Nov-09
NTCLE100E3103HB0 VISHAY-NTCLE100E3103HB0 Datasheet
196Kb / 17P
NTC Thermistors, Radial Leaded, Standard Precision
24-Aug-12
NTCLE101E3104SB0 VISHAY-NTCLE101E3104SB0 Datasheet
89Kb / 5P
NTC Thermistors, Radial Leaded Special Accuracy
06-Jul-11
NTCLE203E3303SB0 VISHAY-NTCLE203E3303SB0 Datasheet
108Kb / 7P
NTC Thermistors, 2-Point Radial Leaded, Automotive Grade
20-May-11
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
NTC Thermistors, Radial Leaded, Accuracy Line
18-May-11
NTCLE100E3153JB0 VISHAY-NTCLE100E3153JB0 Datasheet
196Kb / 17P
NTC Thermistors, Radial Leaded, Standard Precision
24-Aug-12
NTCLE100E3223JB0 VISHAY-NTCLE100E3223JB0 Datasheet
196Kb / 17P
NTC Thermistors, Radial Leaded, Standard Precision
24-Aug-12
NTCLE101E3SB0 VISHAY-NTCLE101E3SB0 Datasheet
92Kb / 5P
NTC Thermistors, Radial Leaded Special Accuracy
06-Jul-11
NTCLE100E3 VISHAY-NTCLE100E3_16 Datasheet
200Kb / 17P
NTC Thermistors, Radial Leaded, Standard Precision
22-Dec-16
TMC VISHAY-TMC_V01 Datasheet
96Kb / 5P
NTC Thermistors, Radial Leaded and Coateds
08-Apr-2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com