Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCLE305E4...SB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # NTCLE305E4...SB
Description  NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leadss
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE305E4...SB Datasheet(HTML) 4 Page - Vishay Siliconix

  NTCLE305E4...SB Datasheet HTML 1Page - Vishay Siliconix NTCLE305E4...SB Datasheet HTML 2Page - Vishay Siliconix NTCLE305E4...SB Datasheet HTML 3Page - Vishay Siliconix NTCLE305E4...SB Datasheet HTML 4Page - Vishay Siliconix NTCLE305E4...SB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NTCLE305E4...SB
www.vishay.com
Vishay BCcomponents
Revision: 24-Jan-2022
4
Document Number: 29076
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RESISTANCE VALUES AT INTERMEDIATE TEMPERATURES WITH R25 AT 10 kΩ
SAP PART AND ORDERING NUMBER: NTCLE305E4103SB(A)
TEMPERATURE
(°C)
RESISTANCE
(Ω)
R/R25
ΔR/R
(%)
α
(%/K)
ΔTMAX.
(± °C)
RMIN.
(
Ω)
RMAX.
(
Ω)
-40
334 274
33.427
4.10
-6.63
0.62
320 580
347 969
-35
241 323
24.132
3.91
-6.41
0.61
231 879
250 767
-30
176 133
17.613
3.74
-6.19
0.60
169 549
182 716
-25
129 900
12.990
3.57
-5.99
0.60
125 264
134 536
-20
96 761
9.6761
3.41
-5.79
0.59
93 465
100 058
-15
72 765
7.2765
3.25
-5.61
0.58
70 399
75 130
-10
55 218
5.5218
3.10
-5.43
0.57
53 506
56 931
-5
42 268
4.2268
2.96
-5.26
0.56
41 018
43 518
0
32 624
3.2624
2.82
-5.10
0.55
31 705
33 544
5
25 381
2.5381
2.68
-4.94
0.54
24 700
26 063
10
19 897
1.9897
2.55
-4.80
0.53
19 389
20 405
15
15 711
1.5711
2.43
-4.65
0.52
15 329
16 093
20
12 493
1.2493
2.31
-4.52
0.51
12 204
12 781
25
10 000
1.0000
2.19
-4.39
0.50
9780.7
10 219
30
8056.0
0.80560
2.13
-4.26
0.50
7884.3
8227.6
35
6529.7
0.65297
2.07
-4.14
0.50
6394.5
6664.9
40
5323.9
0.53239
2.01
-4.03
0.50
5216.7
5431.1
45
4365.3
0.43653
1.96
-3.92
0.50
4279.8
4450.7
50
3598.7
0.35987
1.90
-3.81
0.50
3530.2
3667.3
55
2982.3
0.29823
1.85
-3.71
0.50
2927.0
3037.6
60
2483.8
0.24838
1.80
-3.61
0.50
2439.0
2528.6
65
2078.7
0.20787
1.76
-3.51
0.50
2042.1
2115.2
70
1747.7
0.17477
1.71
-3.42
0.50
1717.7
1777.6
75
1475.9
0.14759
1.67
-3.34
0.50
1451.3
1500.5
80
1251.8
0.12518
1.63
-3.25
0.50
1231.4
1272.2
85
1066.1
0.10661
1.59
-3.17
0.50
1049.2
1083.0
90
911.59
0.091159
1.66
-3.09
0.54
896.42
926.75
95
782.46
0.078246
1.74
-3.02
0.58
768.85
796.06
100
674.11
0.067411
1.81
-2.94
0.62
661.89
686.33
105
582.84
0.058284
1.88
-2.87
0.66
571.86
593.83
110
505.68
0.050568
1.95
-2.81
0.70
495.79
515.56
115
440.19
0.044019
2.02
-2.74
0.74
431.28
449.09
120
384.41
0.038441
2.09
-2.68
0.78
376.38
392.44
125
336.75
0.033675
2.15
-2.62
0.82
329.50
344.00



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com