Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCLE305E4...SB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # NTCLE305E4...SB
Description  NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leadss
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE305E4...SB Datasheet(HTML) 1 Page - Vishay Siliconix

  NTCLE305E4...SB Datasheet HTML 1Page - Vishay Siliconix NTCLE305E4...SB Datasheet HTML 2Page - Vishay Siliconix NTCLE305E4...SB Datasheet HTML 3Page - Vishay Siliconix NTCLE305E4...SB Datasheet HTML 4Page - Vishay Siliconix NTCLE305E4...SB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NTCLE305E4...SB
www.vishay.com
Vishay BCcomponents
Revision: 24-Jan-2022
1
Document Number: 29076
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leads
LINKS TO ADDITIONAL RESOURCES
FEATURES
• Flexible insulated leads for special mounting or
assembly
• Miniature sized very fast reacting
• Accurate over a wide temperature range
• High stability over a long life
• Exceptional withstanding in thermal shocks
• AEC-Q200 qualified
• Fulfills the ELV 2000/53/EC
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Temperature
measurement,
sensing
and
control
in
automotive and industrial applications
DESCRIPTION
These thermistors consist of a micro NTC ceramic chip
soldered between two ETFE insulated AWG #32 solid silver
plated nickel leads. The thermistor body is coated with a
ocher colored insulating lacquer.
PACKAGING
The thermistors are packed in cardboard boxes; the
smallest packing quantity is 1000 pieces.
MARKING
The components are not marked.
DESIGN-IN SUPPORT
For complete curve computation, please visit:
www.vishay.com/thermistors/ntc-curve-list/.
MOUNTING
Important mounting and handling instructions: see
www.vishay.com/doc?29222
By soldering or welding in any position.
The parts can be potted in suitable resins.
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value
at 25
°C
2.06K to 10K
Ω
Tolerance on
R25-value
± 1.92; ± 2.19
%
B25/85-value
3511 to 3984
K
Tolerance on B25/85
± 0.5 to ± 1
%
Temperature accuracy between 25 °C
and 85 °C
± 0.5
°C
Operating temperature range
-40 to +125
°C
Maximum power dissipation at 55 °C
50
mW
Dissipation factor
δ
(in still air)
≈ 0.8
mW/K
Response time
(in stirred air)
(in oil)
≈ 3
≈ 0.7
s
Minimum dielectric withstanding
voltage between leads termination
and coated body
100
VRMS
Weight
≈ 0.05
g
333
DDD3 D
3D Models
Design Tools
Related
Documents
Available
DIMENSIONS in millimeters
TMAX.
BMAX.
LL1
L2
Ø DMAX.
Ø d
1.6
1.6
41.0 ± 1
5.0 ± 1
5.0 ± 1
0.40
0.20 ± 0.01
T
B
L
1
L
D
d
L
2


Similar Part No. - NTCLE305E4...SB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE305E4 VISHAY-NTCLE305E4 Datasheet
93Kb / 5P
NTC Thermistors, Micro Chip Sensor Insulated Leads
14-Jun-10
NTCLE305E4 VISHAY-NTCLE305E4 Datasheet
91Kb / 5P
NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leads
16-May-11
NTCLE305E4 VISHAY-NTCLE305E4 Datasheet
97Kb / 5P
NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leads
24-Jan-2022
NTCLE305E4-SB VISHAY-NTCLE305E4-SB Datasheet
94Kb / 5P
NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leads
16-May-11
NTCLE305E4103SB VISHAY-NTCLE305E4103SB Datasheet
93Kb / 5P
NTC Thermistors, Micro Chip Sensor Insulated Leads
14-Jun-10
More results

Similar Description - NTCLE305E4...SB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE305E4 VISHAY-NTCLE305E4 Datasheet
93Kb / 5P
NTC Thermistors, Micro Chip Sensor Insulated Leads
14-Jun-10
NTCLE305E4 VISHAY-NTCLE305E4_11 Datasheet
91Kb / 5P
NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leads
16-May-11
NTCLE305E4-SB VISHAY-NTCLE305E4-SB Datasheet
94Kb / 5P
NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leads
16-May-11
NTCLE305E4SB VISHAY-NTCLE305E4SB Datasheet
94Kb / 5P
NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leads
16-May-11
NTCLE201E3SB VISHAY-NTCLE201E3SB Datasheet
75Kb / 3P
NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
23-Dec-16
logo
TDK Electronics
NTCG064EF104HTBX TDK-NTCG064EF104HTBX Datasheet
111Kb / 2P
Chip NTC Thermistors (Sensor)
NTCG103JF103FT1 TDK-NTCG103JF103FT1 Datasheet
110Kb / 2P
Chip NTC Thermistors (Sensor)
logo
Vishay Siliconix
NTCLE201E3 VISHAY-NTCLE201E3_V01 Datasheet
83Kb / 3P
NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
18-Sep-2020
NTCLE305E4 VISHAY-NTCLE305E4_V01 Datasheet
97Kb / 5P
NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leads
24-Jan-2022
NTCLE201E3...SB VISHAY-NTCLE201E3...SB Datasheet
82Kb / 3P
NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
18-Sep-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com