Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCLE201E3...SB Datasheet (PDF) - Vishay Siliconix

NTCLE201E3...SB Datasheet PDF - Vishay Siliconix
Part # NTCLE201E3...SB
Download  NTCLE201E3...SB Download
File Size   82.68 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads

NTCLE201E3...SB Datasheet (PDF)

Go To PDF Page Download Datasheet
NTCLE201E3...SB Datasheet PDF - Vishay Siliconix

Part # NTCLE201E3...SB
Download  NTCLE201E3...SB Click to download

File Size   82.68 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads

NTCLE201E3...SB Datasheet (HTML) - Vishay Siliconix


NTCLE201E3...SB Product details

FEATURES
• Accuracy of 0.5 °C between 0 °C and 50 °C
• Small 2.4 mm diameter
• High stability over a long life
• Long and flexible leads for special mounting or
assembly requirements
• AEC-Q200 qualified
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912

APPLICATIONS
• Temperature measurement, sensing and control in
automotive, industrial and consumer electronic
equipment

DESCRIPTION
These negative temperature coefficient thermistors consist
of a mini-chip soldered between two AWG#30 ETFE
insulated (LE300) or non-insulated (LE201) 0.3 mm nickel
leads and coated with a solid ocher color epoxy lacquer

PACKAGING
The thermistors are packed in cardboard boxes; the
smallest packing quantity is 1000 units

MARKING
The coated body has no markings

MOUNTING
Important mounting and handling instructions: see
www.vishay.com/doc?29222
By soldering in any position.

DESIGN-IN SUPPORT
For complete curve computation, please visit:
www.vishay.com/thermistors/ntc-curve-list/




Similar Part No. - NTCLE201E3...SB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE201E3 VISHAY-NTCLE201E3 Datasheet
83Kb / 3P
NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
18-Sep-2020
NTCLE201E3103SB VISHAY-NTCLE201E3103SB Datasheet
75Kb / 3P
NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
23-Dec-16
NTCLE201E3103SB VISHAY-NTCLE201E3103SB Datasheet
83Kb / 3P
NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
18-Sep-2020
NTCLE201E3103SBA VISHAY-NTCLE201E3103SBA Datasheet
83Kb / 3P
NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
18-Sep-2020
NTCLE201E3302SB VISHAY-NTCLE201E3302SB Datasheet
75Kb / 3P
NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
23-Dec-16
More results


Similar Description - NTCLE201E3...SB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE305E4 VISHAY-NTCLE305E4 Datasheet
93Kb / 5P
NTC Thermistors, Micro Chip Sensor Insulated Leads
14-Jun-10
NTCLE305E4 VISHAY-NTCLE305E4_11 Datasheet
91Kb / 5P
NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leads
16-May-11
NTCLE413E3502H102L VISHAY-NTCLE413E3502H102L Datasheet
134Kb / 10P
NTC Thermistors, Mini Epoxy PVC Insulated Leads
12-Oct-12
NTCLE305E4-SB VISHAY-NTCLE305E4-SB Datasheet
94Kb / 5P
NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leads
16-May-11
NTCLE305E4SB VISHAY-NTCLE305E4SB Datasheet
94Kb / 5P
NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leads
16-May-11
NTCLE201E3SB VISHAY-NTCLE201E3SB Datasheet
75Kb / 3P
NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
23-Dec-16
NTCLE413 VISHAY-NTCLE413_17 Datasheet
144Kb / 10P
NTC Thermistors, Mini Epoxy PVC Insulated Leads
11-Jul-17
NTCLE201E3 VISHAY-NTCLE201E3_V01 Datasheet
83Kb / 3P
NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
18-Sep-2020
NTCLE305E4 VISHAY-NTCLE305E4_V01 Datasheet
97Kb / 5P
NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leads
24-Jan-2022
NTCLE305E4...SB VISHAY-NTCLE305E4...SB Datasheet
95Kb / 5P
NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leadss
24-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com