Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCLE201E3...SB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NTCLE201E3...SB
Description  NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE201E3...SB Datasheet(HTML) 2 Page - Vishay Siliconix

  NTCLE201E3...SB Datasheet HTML 1Page - Vishay Siliconix NTCLE201E3...SB Datasheet HTML 2Page - Vishay Siliconix NTCLE201E3...SB Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NTCLE201E3...SB, NTCLE300E3...SB
www.vishay.com
Vishay BCcomponents
Revision: 18-Sep-2020
2
Document Number: 29051
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DERATING
Power derating curve
Note
• Zero power is considered as measuring power max. 1 % of max. power
RESISTANCE VALUES AT INTERMEDIATE TEMPERATURES
TOPER
(°C)
RT/R25
T-TOL.
(± K)
TCR
(%/K)
RT-VALUE (k)
NTCLE201E3...SB(A) OR NTCLE300E3...SB(A)
302
502
103
-40
33.21
0.68
-6.57
99.63
166.1
332.1
-35
23.99
0.66
-6.36
71.97
120.0
239.9
-30
17.52
0.64
-6.15
52.56
87.60
175.2
-25
12.93
0.62
-5.95
38.79
64.65
129.3
-20
9.636
0.59
-5.76
28.91
48.18
96.36
-15
7.250
0.57
-5.58
21.75
36.25
72.50
-10
5.505
0.55
-5.40
16.51
27.52
55.05
-5
4.216
0.52
-5.24
12.65
21.08
42.16
0
3.255
0.50
-5.08
9.766
16.28
32.56
5
2.534
0.50
-4.92
7.602
12.67
25.34
10
1.987
0.50
-4.78
5.962
9.936
19.87
15
1.570
0.50
-4.64
4.710
7.849
15.70
20
1.249
0.50
-4.50
3.746
6.244
12.49
25
1.000
0.50
-4.37
3.000
5.000
10.00
30
0.8059
0.50
-4.25
2.418
4.030
8.059
35
0.6535
0.50
-4.13
1.960
3.267
6.535
40
0.5330
0.50
-4.02
1.599
2.665
5.330
45
0.4372
0.50
-3.91
1.312
2.186
4.372
50
0.3605
0.50
-3.80
1.082
1.803
3.606
55
0.2989
0.55
-3.70
0.8966
1.494
2.989
60
0.2490
0.61
-3.60
0.7470
1.245
2.490
65
0.2084
0.66
-3.51
0.6253
1.042
2.084
70
0.1753
0.72
-3.42
0.5259
0.8765
1.753
75
0.1481
0.77
-3.33
0.4443
0.7405
1.481
80
0.1256
0.83
-3.25
0.3769
0.6282
1.256
85
0.1070
0.89
-3.16
0.3211
0.5352
1.070
90
0.09154
0.95
-3.09
0.2746
0.4577
0.9154
95
0.07860
1.02
-3.01
0.2358
0.3930
0.7860
100
0.06773
1.08
-2.94
0.2032
0.3387
0.6773
105
0.05858
1.14
-2.87
0.1757
0.2929
0.5858
110
0.05083
1.21
-2.80
0.1525
0.2542
0.5083
115
0.04426
1.27
-2.73
0.1328
0.2213
0.4426
120
0.03866
1.34
-2.67
0.1160
0.1933
0.3866
125
0.03387
1.41
-2.61
0.1016
0.1694
0.3387
055
-40
85
125
Tamb (°C)
100
0
P
(%)
-25



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com